Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH35C Datasheet(PDF) 1 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 1 Page - Hirose Electric

  FH35C Datasheet HTML 1Page - Hirose Electric FH35C Datasheet HTML 2Page - Hirose Electric FH35C Datasheet HTML 3Page - Hirose Electric FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
FH35C Series
■Features
1.0.3 mm pitch, Dual-sided connector
This connector utilizes both a top and bottom contact
and provides design flexibility.
2.Improved FPC retention force achieved through the
use of our proprietary contact structure and a back
flip actuator.
FPC retention force (in the horizontal direction) is about 2.5
times greater than similar products produced by other
companies.
3.Supports high speed transmissions
By utilizing its excellent impedance characteristics, it is
capable of supporting high speed transmissions.
(Differential pairs of identical contacts allows for better
transmission characteristics and eDP (ver1.3) and
compatibility to MIPI(D−PHY) specifications.)
4.Delivered with actuator open
To reduce installation time and costs, the actuator is
delivered in the open position and eliminates the need to
open the actuator before FPC insertion.
5.Easy FPC Insertion
Equipped with tapered guides at the FPC insertions point,
they help to create a smoother FPC insertion operation.
6.Compatible with 0.2mm thick FPC
The FH35C was designed to be used with 0.2 mm FPC.
(Using the appropriate FPC will prevent deformation and
problems that may occur during the insertion and mating
processes.)
7.Bottom side protection
The bottom surface is over-molded and provides added
protection to the contacts (no exposure). This allows the
PCB space under the connector to be used for additional
patterning.
8.Halogen Free
Chlorine and bromine levels do not exceed the standard
values as defined by IEC 61249-2-21. (Br: 900 ppm or
less, Cl : 900 ppm or less, Br + Cl : 1,500 ppm or less)
9.Compatible with Automatic Mounting
Tape-and-reel packaging is available for use with pick-and-
place machines. Connectors are available on 5000 or 500
piece reels. (The outer diameter of an embossed reel is
Ø180mm
)
●3.2 mm in depth
FH35C Differential Impedance
130ps rise time (20-80%)
●At Time of FPC Insertion
●Lock Completion State
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.
2013.11
②


Similar Part No. - FH35C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH3 GOOD-ARK-FH3 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH3-04S-1.25DS HIROSE-FH3-04S-1.25DS Datasheet
85Kb / 4P
1.25mm Pitch FPC/FFC Connector
FH3-04S-1.25DSA HIROSE-FH3-04S-1.25DSA Datasheet
85Kb / 4P
1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DS HIROSE-FH3-06S-1.25DS Datasheet
85Kb / 4P
1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DSA HIROSE-FH3-06S-1.25DSA Datasheet
85Kb / 4P
1.25mm Pitch FPC/FFC Connector
More results

Similar Description - FH35C

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
FF20-8A-R11A DDK-FF20-8A-R11A Datasheet
178Kb / 3P
0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
logo
Molex Electronics Ltd.
SD-502598-001 MOLEX5-SD-502598-001 Datasheet
647Kb / 6P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-003 MOLEX5-SD-502598-003 Datasheet
408Kb / 4P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-001 MOLEX11-SD-502598-001_13 Datasheet
647Kb / 6P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-003 MOLEX11-SD-502598-003_13 Datasheet
408Kb / 4P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
logo
Molex Electronics Ltd.
5047540000 MOLEX-5047540000 Datasheet
676Kb / 17P
0.3 mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com