Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH35C Datasheet(PDF) 3 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 3 Page - Hirose Electric

  FH35C Datasheet HTML 1Page - Hirose Electric FH35C Datasheet HTML 2Page - Hirose Electric FH35C Datasheet HTML 3Page - Hirose Electric FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
■Connector Dimensions
■Connector Dimension Table
Unit: mm
Product No.
HRS No.
The number of contacts
AB
C
D
E
FH35C-9S-0.3SHW(50)
CL580-2910-5-50
9
4.3
1.8
2.4
3.03
3.73
FH35C-11S-0.3SHW(50)
CL580-2917-4-50
11
4.9
2.4
3
3.63
4.33
FH35C-13S-0.3SHW(50)
CL580-2925-2-50
13
5.5
3
3.6
4.23
4.93
FH35C-15S-0.3SHW(50)
CL580-2919-0-50
15
6.1
3.6
4.2
4.83
5.53
FH35C-17S-0.3SHW(50)
CL580-2916-1-50
17
6.7
4.2
4.8
5.43
6.13
FH35C-19S-0.3SHW(50)
CL580-2921-1-50
19
7.3
4.8
5.4
6.03
6.73
FH35C-21S-0.3SHW(50)
CL580-2922-4-50
21
7.9
5.4
6
6.63
7.33
FH35C-23S-0.3SHW(50)
CL580-2911-8-50
23
8.5
6
6.6
7.23
7.93
FH35C-25S-0.3SHW(50)
CL580-2912-0-50
25
9.1
6.6
7.2
7.83
8.53
FH35C-27S-0.3SHW(50)
CL580-2918-7-50
27
9.7
7.2
7.8
8.43
9.13
FH35C-31S-0.3SHW(50)
CL580-2923-7-50
31
10.9
8.4
9
9.63
10.33
FH35C-33S-0.3SHW(50)
CL580-2913-3-50
33
11.5
9
9.6
10.23
10.93
FH35C-35S-0.3SHW(50)
CL580-2926-5-50
35
12.1
9.6
10.2
10.83
11.53
FH35C-37S-0.3SHW(50)
CL580-2914-6-50
37
12.7
10.2
10.8
11.43
12.13
FH35C-39S-0.3SHW(50)
CL580-2915-9-50
39
13.3
10.8
11.4
12.03
12.73
FH35C-41S-0.3SHW(50)
CL580-2924-0-50
41
13.9
11.4
12
12.63
13.33
FH35C-45S-0.3SHW(50)
CL580-2909-6-50
45
15.1
12.6
13.2
13.83
14.53
FH35C-49S-0.3SHW(50)
–––––––
49
16.3
13.8
14.4
15.03
15.73
FH35C-51S-0.3SHW(50)
CL580-2920-9-50
51
16.9
14.4
15
15.63
16.33
The products with no HRS No. are currently under planning. Please contact our sales representative for questions concerning the number
of contacts.
Note 1: The lead coplanarity of contact and reinforcing metal fitting is a MAX of 0.1 mm.
2: This product packaged on tape-and-reel. See the package specification diagram for details.
3: Dimensions may be changed for sink mark prevention due to improvement, etc.
In addition, black dots, etc., may occur in the mold resin but they have no effect on quality.
4: This product is halogen-free.
(Br content: 900 ppm or less; CI content: 900 ppm or less; Br + CL total content: 1,500 ppm or less)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com