Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH35C Datasheet(PDF) 2 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 2 Page - Hirose Electric

  FH35C Datasheet HTML 1Page - Hirose Electric FH35C Datasheet HTML 2Page - Hirose Electric FH35C Datasheet HTML 3Page - Hirose Electric FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
■Product Specifications
Ratings
Current rating: 0.2 A (Note 1)
Voltage rating: AC 30 Vrms
Operating temperature Range: –55 to
+85°C (Note 2)
Operating temperature Range: 90% or less
of relative humidity
(No dew condensation is allowed)
Storage temperature Range: -10 to +50°C
(Note 3)
Storage temperature Range: 90% or less
of relative humidity
(No dew condensation is allowed)
With specifications compatible with FPC contacts
t = 0.2 ± 0.03 gold plating
Items
Specifications
Conditions
1.Insulation Resistance
No less than 50 Mø
Measured at 100 V DC
2.Withstand Voltage
No flashover or breakdown
Conduct 90 V AC for one minute
3.Contact Resistance
100 mø MAX.
* Including FPC conductor resistance
AC 20 mV MAX (1 KHz), 1 mA
4.Mating Cycles
Contact resistance: no more than 100 mø
No breakage, cracks, or loosened parts
10 times
5.Vibration Resistance
No electric outage of 1 µs or greater
Contact resistance: no more than 100 mø
No breakage, cracks, or loosened parts
At the frequency of 10-55 Hz, half amplitude
0.75 mm, and 10 cycles in each of three axial
directions
6.Shock Resistance
No electric outage of 1 µs or greater
Contact resistance: no more than 100 mø
No breakage, cracks, or loosened parts
Acceleration: 981 m/s
2
Duration: 6 ms, sine half-wave, 3 cycles in each
of the 3 axis each in both directions
7.Humidity Resistance
(Steady State)
Contact resistance: no more than 100 mø
Insulation Resistance: 50 Mø or more
No breakage, cracks, or loosened parts
Left to stand for 96 hours at the temperature of
40°C and the humidity of 90% to 95%
8.Temperature Cycles
Contact resistance: no more than 100 mø
Insulation Resistance: 50 Mø or more
No breakage, cracks, or loosened parts
Temperature:-55➝ +15 to+35➝ +85➝ +15 to
+35°C
Time: 30➝ 2 to 3 ➝ 30➝ 2 to 3 minutes
5 cycles with the above conditions
9.Solder Heat
Resistance
No deformation in appearance or marked
instability of contacts
Reflow: According to the Recommended Temperature
Profile
Manual soldering: 350± 10°C for 5± 1 sec.
(Note 1) Use at 70% of the current rating when all pins are energized with the stated current rating.
(Note 2) Temperature rise at the time of electrification is included.
(Note 3) The term “storage” refers to the long-term storage condition of unused products before mounting on the PCB.
The operating temperature and humidity ranges apply to non-energized state after PCB mounting.
(Note 4) The above specifications are representative of this series. Please refer to “drawing for approval” for official individual
agreement.
■Materials
Part
Materials
Treatment
UL Regulation
Insulator
LCP
Gray
UL94V-0
Polyamide resin
Black
Contact
Phosphor bronze
Nickel barrier Gold plating
------
Metal fitting
Phosphor bronze
Pure tin reflow plating
■Product Number Structure
Refer to the chart below when searching for the part number nomenclature.
Please select connectors listed in this catalog when placing orders.
The characteristics and specifications of the products described in this catalog are for reference only.
Please make sure to check the latest delivery specifications before the time of purchase.
FH 35 C − 35S − 0.3 SHW (50)
❶❷
❸
❹
❺
❻
❼
❻ Contact Form
SHW: SMT horizontal staggered array mount type
❼ Specifications:
(50): standard product (5000 connectors per reel)
(99): 500 connectors per reel
❶ Series Name: FH
❷ Series No.: 35
❸ C: dual-sided, halogen-free product
❹ Number of contacts : 9 to 51
❺ Contact Pitch: 0.3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com