Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302MPX Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB302MPX
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302MPX Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB302MPX Datasheet HTML 2Page - ON Semiconductor FUSB302MPX Datasheet HTML 3Page - ON Semiconductor FUSB302MPX Datasheet HTML 4Page - ON Semiconductor FUSB302MPX Datasheet HTML 5Page - ON Semiconductor FUSB302MPX Datasheet HTML 6Page - ON Semiconductor FUSB302MPX Datasheet HTML 7Page - ON Semiconductor FUSB302MPX Datasheet HTML 8Page - ON Semiconductor FUSB302MPX Datasheet HTML 9Page - ON Semiconductor FUSB302MPX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
6
www.onsemi.com
Table 1.
Processor Configures the FUSB302
through I2C:
I2C Registers / Bits
Value
TOGGLE
1
PWR
07H
HOST_CUR0
1
HOST_CUR1
0
MEAS_VBUS
0
VCONN_CC1
0
VCONN_CC2
0
Mask Register
0xFE
Maska Register
0xBF
Maskb Register
(Except I_TOGDONE and I_BC_LVL
Interrupt)
0x01
PWR[3:0]
0x07
Notes:
1.
Once it has been determined what the role is of the
FUSB302, it returns I_TOGDONE and TOGSS1/2.
2.
Processor then can perform a final manual check
through I2C.
Manual Device Toggle
The FUSB302 has the capability to do manual DRP
toggle. In manual toggle the FUSB302 is configurable
by the processor software by I2C and setting TOGGLE
= 0.
Manual Device Detection and Configuration
A Type-C device must monitor VBUS to determine if it is
attached or detached. The FUSB302 provides this
information through the VBUSOK interrupt. After the
Type-C device knows that a Type-C host has been
attached, it needs to determine what type of termination
is applied to each CC pin. The software determines if an
Ra or Rd termination is present based on the BC_LVL
and COMP interrupt and status bits.
Additionally, for Rd terminations, the software can
further determine what charging current is allowed by
the Type-C host by reading the BC_LVL status bits. This
is summarized in Table 2.
Toggle Functionality
When TOGGLE bit (Control2 register) is set the
FUSB302 implements a fixed DRP toggle between
presenting as a SRC and as a SNK. It can also be
configured to present as a SRC only or SNK only and
poll CC1 and CC2 continuously. This operation is turned
on with TOGGLE=1 and the processor should initially
write
HOST_CUR1=0,
HOST_CUR0=1
(for
default
current),
VCONN_CC1=VCONN_CC2=0,
Mask
Register=0xFE,
Maska
register=0xBF,
and
Maskb
register=0x01, and PWR=0x01. The processor should
also read the interrupt register to clear them prior to
setting the TOGGLE bit.
Table 2.
Device Interrupt Summary
Status Type
Interrupt Status
Meaning
BC_LVL[1:0]
COMP
COMP Setting
VBUSOK
CC Detection
2'b00
NA
NA
1
vRA
2'b01
NA
NA
1
vRd-Connect and vRd-USB
2'b10
NA
NA
1
vRd-Connect and vRd-1.5
2'b11
0
6'b11_0100
(2.226 V)
1
vRd-Connect and vRd-3.0
Attach
NA
NA
NA
1
Host Attached, VBUS Valid
Detach
NA
NA
NA
0
Host Detached, VBUS Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com