Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302MPX Datasheet(PDF) 29 Page - ON Semiconductor

Part # FUSB302MPX
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302MPX Datasheet(HTML) 29 Page - ON Semiconductor

Back Button FUSB302MPX Datasheet HTML 25Page - ON Semiconductor FUSB302MPX Datasheet HTML 26Page - ON Semiconductor FUSB302MPX Datasheet HTML 27Page - ON Semiconductor FUSB302MPX Datasheet HTML 28Page - ON Semiconductor FUSB302MPX Datasheet HTML 29Page - ON Semiconductor FUSB302MPX Datasheet HTML 30Page - ON Semiconductor FUSB302MPX Datasheet HTML 31Page - ON Semiconductor FUSB302MPX Datasheet HTML 32Page - ON Semiconductor FUSB302MPX Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
29
www.onsemi.com
Table 27. Interrupt
Address: 42h
Reset Value: 0x0000_0000
Type: Read/Clear
Bit #
Name
R/W/C
Size (Bits)
Description
7
I_VBUSOK
R/C
1
1: Interrupt occurs when VBUS transitions through 4.5 V. This
bit typically is used to recognize port partner during startup.
6
I_ACTIVITY
R/C
1
1: A change in the value of ACTIVITY of the CC bus has
occurred.
5
I_COMP_CHNG
R/C
1
1: A change in the value of COMP has occurred. Indicates
selected CC line has tripped a threshold programmed into the
MDAC.
4
I_CRC_CHK
R/C
1
1: The value of CRC_CHK newly valid. I.e. The validity of the
incoming packet has been checked.
3
I_ALERT
R/C
1
1: Alert software an error condition has occurred. An alert is
caused by:
TX_FULL: the transmit FIFO is full.
RX_FULL: the receive FIFO is full.
See Status1 bits.
2
I_WAKE
R/C
1
1: Voltage on CC indicated a device attempting to attach.
Software must then power up the clock and receiver blocks.
1
I_COLLISION
R/C
1
1: When a transmit was attempted, activity was detected on the
active CC line. Transmit is not done. The packet is received
normally.
0
I_BC_LVL
R/C
1
1: A change in host requested current level has occurred.
Table 28. FIFOs
Address: 43h
Reset Value: 0x0000_0000
Type: (see column below)
Bit #
Name
R/W/C
Size (Bits)
Description
7:0
TX/RX Token
Read or
Write
8
Writing to this register writes a byte into the transmit FIFO.
Reading from this register reads from the receive FIFO.
Each byte is a coded token. Or a token followed by a fixed
number of packed data byte (see token coding in Table 29).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com