Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302MPX Datasheet(PDF) 19 Page - ON Semiconductor

Part # FUSB302MPX
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302MPX Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FUSB302MPX Datasheet HTML 15Page - ON Semiconductor FUSB302MPX Datasheet HTML 16Page - ON Semiconductor FUSB302MPX Datasheet HTML 17Page - ON Semiconductor FUSB302MPX Datasheet HTML 18Page - ON Semiconductor FUSB302MPX Datasheet HTML 19Page - ON Semiconductor FUSB302MPX Datasheet HTML 20Page - ON Semiconductor FUSB302MPX Datasheet HTML 21Page - ON Semiconductor FUSB302MPX Datasheet HTML 22Page - ON Semiconductor FUSB302MPX Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC. - FUSB302
• Rev. 2
19
www.onsemi.com
Register Definitions(9)(10)
Address
Register Name
Type
Rst Val
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x01
Device ID
R
8x
Version ID[3:0]
Revision ID[3:0]
0x02
Switches0
R/W
03
PU_EN2
PU_EN1
VCONN _CC2
VCONN _CC1
MEAS_CC2
MEAS_CC1
PDWN2
PDWN1
0x03
Switches1
R/W
20
POWERROLE
SPECREV1
SPECREV0
DATAROLE
AUTO_CRC
TXCC2
TXCC1
0x04
Measure
R/W
31
MEAS_VBUS
MDAC5
MDAC4
MDAC3
MDAC2
MDAC1
MDAC0
0x05
Slice
R/W
60
SDAC_HYS1
SDAC_HYS2
SDAC5
SDAC4
SDAC3
SDAC2
SDAC1
SDAC0
0x06
Control0
R/W/C
24
TX_FLUSH
INT_MASK
HOST_CUR1
HOST_CUR0
AUTO_PRE
TX_START
0x07
Control1
R/W/C
00
ENSOP2DB
ENSOP1DB
BIST_MODE2
RX_FLUSH
ENSOP2
ENSOP1
0x08
Control2
R/W
02
TOG_SAVE_PW
R2
TOG_SAVE_P
WR1
TOG_RD_ONLY
WAKE_EN
MODE[1:0]
TOGGLE
0x09
Control3
R/W
06
SEND_HARD_R
ESET
AUTO_HARDR
ESET
AUTO_SOFTRES
ET
N_RETRIES[1:0]
AUTO_RETRY
0x0A
Mask1
R/W
00
M_VBUSOK
M_ACTIVITY
M_COMP_CHNG
M_CRC_CHK
M_ALERT
M_WAKE
M_COLLISION
M_BC_LVL
0x0B
Power
R/W
01
PWR3
PWR2
PWR1
PWR0
0x0C
Reset
W/C
00
PD_RESET
SW_RES
0x0D
OCPreg
R/W
0F
OCP_RANGE
OCP_CUR2
OCP_CUR1
OCP_CUR0
0x0E
Maska
R/W
00
M_OCP_TEMP
M_TOGDONE
M_SOFTFAIL
M_RETRYFAIL
M_HARDSENT
M_TXSENT
M_SOFTRST
M_HARDRST
0x0F
Maskb
R/W
00
M_GCRCSENT
0x10
Undocumented
Control4
R/W
00
TOG_USRC_EX
IT
0x3C
Status0a
R
00
SOFTFAIL
RETRYFAIL
POWER3
POWER2
SOFTRST
HARDRST
0x3D
Status1a
R
00
TOGSS3
TOGSS2
TOGSS1
RXSOP2DB
RXSOP1DB
RXSOP
0x3E
Interrupta
R/C
00
I_OCP_TEMP
I_TOGDONE
I_SOFTFAIL
I_RETRYFAIL
I_HARDSENT
I_TXSENT
I_SOFTRST
I_HARDRST
0x3F
Interruptb
R/C
00
I_GCRCSENT
0x40
Status0
R
00
VBUSOK
ACTIVITY
COMP
CRC_CHK
ALERT
WAKE
BC_LVL1
BC_LVL0
0x41
Status1
R
28
RXSOP2
RXSOP1
RX_EMPTY
RX_FULL
TX_EMPTY
TX_FULL
OVRTEMP
OCP
0x42
Interrupt
R/C
00
I_VBUSOK
I_ACTIVITY
I_COMP_CHNG
I_CRC_CHK
I_ALERT
I_WAKE
I_COLLISION
I_BC_LVL
0x43
FIFOs
R/W(11)
00
Write to TX FIFO or read from RX FIFO repeatedly without address auto increment
Type C Bits
USB PD Bits
General Bits
Notes:
9. Do not use registers that are blank.
10. Values read from undefined register bits are not defined and invalid. Do not write to undefined registers.
11. FIFO register is serially read/written without auto address increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com