Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302MPX Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB302MPX
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302MPX Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB302MPX Datasheet HTML 11Page - ON Semiconductor FUSB302MPX Datasheet HTML 12Page - ON Semiconductor FUSB302MPX Datasheet HTML 13Page - ON Semiconductor FUSB302MPX Datasheet HTML 14Page - ON Semiconductor FUSB302MPX Datasheet HTML 15Page - ON Semiconductor FUSB302MPX Datasheet HTML 16Page - ON Semiconductor FUSB302MPX Datasheet HTML 17Page - ON Semiconductor FUSB302MPX Datasheet HTML 18Page - ON Semiconductor FUSB302MPX Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
15
www.onsemi.com
Current Consumption
Symbol
Parameter
VDD (V)
Conditions
TA=-40 to +85°C
TJ=-40 to +125°C
Unit
Min.
Typ.
Max.
Idisable
Disabled Current
3.0 to 5.5
Nothing Attached, No I2C
Transactions
0.37
5.00
µA
Itog
Unattached (standby)
toggle current
3.0 to 5.5
Nothing attached, TOGGLE=1,
PWR[3:0]=1h, WAKE_EN=0,
TOG_SAVE_PWR2:1=01
25
40
µA
Ipd_stby_
meas
BMC PD Standby
Current
3.0 to 5.5
Device Attached, BMC PD
Active But Not Sending or
Receiving Anything,
PWR[3:0]=7h,
40
µA
USB PD Specific Parameters
Symbol
Parameter
TA = -40 to +85°C
TJ=-40 to +125°C
Unit
Min.
Typ.
Max.
tHardReset
If a Soft Reset message fails, a Hard Reset is sent after tHardReset
of CRCReceiveTimer expiring
5
ms
tHardReset
Complete
If the FUSB302 cannot send a Hard Reset within
tHardResetComplete time because of a busy line, then a
I_HARDFAIL interrupt is triggered
5
ms
tReceive
This is the value for which the CRCReceiveTimer expires. The
CRCReceiveTimer is started upon the last bit of the EOP of the
transmitted packet
0.9
1.1
ms
tRetry
Once the CRCReceiveTimer expires, a retry packet has to be sent
out within tRetry time. This time is hard to separate externally from
tReceive since they both happen sequentially with no visible
difference in the CC output
75
µs
tSoftReset
If a GoodCRC packet is not received within tReceive for NRETRIES
then a Soft Reset packet is sent within tSoftReset time.
5
ms
tTransmit
From receiving a packet, we have to send a GoodCRC in response
within tTransmit time. It is measured from the last bit of the EOP of
the received packet to the first bit sent of the preamble of the
GoodCRC packet
195
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com