Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS512 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS512
Description  PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS512 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS512 Datasheet HTML 1Page - Integrated Device Technology ICS512 Datasheet HTML 2Page - Integrated Device Technology ICS512 Datasheet HTML 3Page - Integrated Device Technology ICS512 Datasheet HTML 4Page - Integrated Device Technology ICS512 Datasheet HTML 5Page - Integrated Device Technology ICS512 Datasheet HTML 6Page - Integrated Device Technology ICS512 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS512
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
2
ICS512
REV H 051310
Pin Assignment
Clock Output Table
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Common Output Frequencies Example (MHz)
Note that all of the above are achieved using a common, inexpensive 10 MHz to 25 MHz crystal. Consult
IDT on how to achieve other output frequncies.
X 1 /ICL K
VDD
GND
S1
RE F
S0
CL K
X2
1
2
3
4
8
7
6
5
8 - pi n ( 150 mi l ) S OI C
S1
S0
CLK
00
4X input
0
M
5.333X input
01
5X input
M
0
2.5X input
MM
2X input
M
1
3.333X input
10
6X input
1M
3X input
11
8X input
Output
20
24
30
32
33.33
37.5
40
48
50
60
64
Input
10
12
10
16
16.66
15
10
12
20
10
16
Selection (S1, S0)
M,M
M,M
1, M
M,M
M,M
M,0
0,0
0,0
M,0
1,0
0,0
Output
66.66
72
75
80
83.33
90
100
120
125
133.3
150
Input
20
12
25
10
25
15
20
15
25
25
25
Selection (S1, S0)
M,1
1,0
1,M
1,1
M,1
1,0
0,1
1,1
0,1
0,M
1,0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com