Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS512 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS512
Description  PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS512 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS512 Datasheet HTML 1Page - Integrated Device Technology ICS512 Datasheet HTML 2Page - Integrated Device Technology ICS512 Datasheet HTML 3Page - Integrated Device Technology ICS512 Datasheet HTML 4Page - Integrated Device Technology ICS512 Datasheet HTML 5Page - Integrated Device Technology ICS512 Datasheet HTML 6Page - Integrated Device Technology ICS512 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS512
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
3
ICS512
REV H 051310
Pin Descriptions
Pin
Number
Pin
Name
Pin Type
Pin Description
1
XI/ICLK
Input
Crystal connection or clock input.
2
VDD
Power
Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
NC
REF
Buffered crystal oscillator output clock.
5
CLK
Output
Clock output per table above.
6
S0
Tri-level Input
Mulitplier select pin 0. Connect to GND or VDD or float.
7
S1
Tri-level Input
Mulitplier select pin 1. Connect to GND or VDD or float.
8
X2
Output
Crystal connection. Leave unconnected for clock input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com