Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS512 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS512
Description  PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS512 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS512 Datasheet HTML 1Page - Integrated Device Technology ICS512 Datasheet HTML 2Page - Integrated Device Technology ICS512 Datasheet HTML 3Page - Integrated Device Technology ICS512 Datasheet HTML 4Page - Integrated Device Technology ICS512 Datasheet HTML 5Page - Integrated Device Technology ICS512 Datasheet HTML 6Page - Integrated Device Technology ICS512 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOCO™ PLL CLOCK MULTIPLIER
ICS512
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
1
ICS512
REV H 051310
Description
The ICS512 is the most cost effective way to generate
a high-quality, high frequency clock output and a
reference clock from a lower frequency crystal or clock
input. The name LOCO stands for Low Cost Oscillator,
as it is designed to replace crystal oscillators in most
electronic systems. Using Phase-Locked-Loop (PLL)
techniques, the device uses a standard fundamental
mode, inexpensive crystal to produce output clocks up
to 200 MHz. With a reference output, this chip plus an
inexpensive crystal can replace two oscillators
Stored in the chip’s ROM is the ability to generate nine
different multiplication factors, allowing one chip to
output many common frequencies (see table on page
2).
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined or guaranteed.
For applications which require defined input to output
skew, use the ICS570B.
Features
• Packaged as 8-pin SOIC or die
• Pb (lead ) free package
• Upgrade of popular ICS502 with:
— changed multiplier table
— higher operating frequncies
• Zero ppm multiplication error
• Easy to cascade with other 5xx series
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 50 MHz
• Output clock frequencies up to 200 MHz
• Compatible with all popular CPUs
• Duty cycle of 45/55 up to 200 MHz
• Mask option for nine selectable frequencies
• Operating voltages of 3.0 to 5.5 V
• Industrial temperature version available
• Advanced, low power CMOS process
Block Diagram
PLL Clock
Synthesis
and Control
Circuitry
Crystal or
Clock input
VDD
Crystal
Oscillator
S1, S0
X1/ICLK
X2
2
CLK
GND
Optional crystal
capacitors
REF


Similar Part No. - ICS512

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS512 ICST-ICS512 Datasheet
46Kb / 4P
LOCO??PLL Clock Multiplier
Revision 061900
ICS512M ICST-ICS512M Datasheet
46Kb / 4P
LOCO??PLL Clock Multiplier
Revision 061900
ICS512MI ICST-ICS512MI Datasheet
46Kb / 4P
LOCO??PLL Clock Multiplier
Revision 061900
ICS512MIT ICST-ICS512MIT Datasheet
46Kb / 4P
LOCO??PLL Clock Multiplier
Revision 061900
ICS512MT ICST-ICS512MT Datasheet
46Kb / 4P
LOCO??PLL Clock Multiplier
Revision 061900
More results

Similar Description - ICS512

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501A ICST-ICS501A Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
logo
Pericom Semiconductor C...
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
PLL Clock Multiplier
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
PLL Clock Multiplier
logo
Integrated Device Techn...
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PI6C490086 PERICOM-PI6C490086 Datasheet
816Kb / 5P
PLL Clock Multiplier
PT7C4502 PERICOM-PT7C4502 Datasheet
241Kb / 6P
PLL Clock Multiplier
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
PLL Clock Multiplier
PT7C4512 PERICOM-PT7C4512 Datasheet
267Kb / 5P
PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com