Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS512 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS512
Description  PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS512 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS512 Datasheet HTML 1Page - Integrated Device Technology ICS512 Datasheet HTML 2Page - Integrated Device Technology ICS512 Datasheet HTML 3Page - Integrated Device Technology ICS512 Datasheet HTML 4Page - Integrated Device Technology ICS512 Datasheet HTML 5Page - Integrated Device Technology ICS512 Datasheet HTML 6Page - Integrated Device Technology ICS512 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS512
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
5
ICS512
REV H 051310
DC Electrical Characteristics
VDD=3.3 V ±5% , Ambient temperature 0 to +70
° C, unless stated otherwise
AC Electrical Characteristics
VDD=3.3 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note: The phase relationship between intput and output clocks can change at power up. For a fixed phase
relationship, see the ICS570 or the ICS527.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3
5.5
V
Input High Voltage, ICLK only
VIH
ICLK (pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, ICLK only
VIL
ICLK (pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage
VIH
S0, S1
VDD-0.5
V
Input Low Voltage
VIL
S0, S1
0.5
V
Output High Voltage, CMOS high
VOH
IOH = -8 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
IDD Operating Supply Current,
20 MHz crystal
No load, 100 MHz
9
mA
Short Circuit Current
CLK output
+70
mA
Input Capacitance, S1, S0
Pins 6, 7
4
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
527
MHz
Input Frequency, clock input
FIN
250
MHz
Output Frequency, VDD = 4.5 to 5.5 V
FOUT
0 to +70°C
14
200
MHz
-40 to +85°C
14
160
MHz
Output Frequency, VDD = 3.0 to 3.6 V
FOUT
0 to +70°C
14
160
MHz
-40 to +85°C
14
145
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0V
1
ns
Output Clock Duty Cycle
tOD
at VDD/2
45
49-51
55
%
Absolute Clock Period Jitter
tja
Deviation from
mean
+200
ps
One Sigma Clock Period Jitter
tjs
80
ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com