Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9547 Datasheet HTML 35Page - Analog Devices AD9547 Datasheet HTML 36Page - Analog Devices AD9547 Datasheet HTML 37Page - Analog Devices AD9547 Datasheet HTML 38Page - Analog Devices AD9547 Datasheet HTML 39Page - Analog Devices AD9547 Datasheet HTML 40Page - Analog Devices AD9547 Datasheet HTML 41Page - Analog Devices AD9547 Datasheet HTML 42Page - Analog Devices AD9547 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
Data Sheet
AD9547
Bits[5:3]). The charge pump current varies from 125 µA to 1 mA
in 125 µA steps. The default setting is 500 µA.
SYSCLK PLL Loop Filter
The AD9547 has an internal second-order loop filter that estab-
lishes the loop dynamics for input signals between 12.5 MHz and
100 MHz. By default, the device uses the internal loop filter.
However, an external loop filter option is available by setting
the external loop filter enable bit (Register 0x0100, Bit 7). This
bit bypasses the internal loop filter and allows the device to use
an externally connected second-order loop filter, as shown in
Figure 46.
SYSCLK_VREG
R1
AD9547
SYSCLK_LF
C1
C2
34
35
Figure 46. External Loop Filter Schematic
To determine the external loop filter components, the user decides
on the desired open loop bandwidth (fOL) and phase margin (Φ).
These parameters allow calculation of the loop filter components,
as follows:
R1 =
( )

φ
+
π
sin
1
1
VCO
CP
OL
K
I
Nf
C1 =
2
)
(
2
)
tan(
OL
VCO
CP
f
N
K
I
π
φ
C2 =


φ
φ
−
π
)
cos(
)
sin(
1
)
2
(
2
OL
VCO
CP
f
N
K
I
where:
KVCO = 7 × 107 V/ns (typical).
ICP is the programmed charge pump current (amperes).
N is the programmed feedback divider value.
fOL is the desired open-loop bandwidth (Hz).
Φ is the desired phase margin (radians).
For example, assuming that N = 40, ICP = 0.5 mA, fOL = 400 kHz,
and Φ = 50°, then the loop filter calculations yield R1 = 3.31 kΩ,
C1 = 330 pF, and C2 = 50.4 pF.
System Clock Period
Many of the user programmable parameters of the AD9547 have
absolute time units. To make this possible, the AD9547 requires
a priori knowledge of the period of the system clock. To accom-
modate this requirement, the user programs the 21-bit nominal
system clock period in the nominal SYSCLK period register
(Address 0x0103 to Address 0x0105). The contents of this register
reflect the actual period of the system clock in units of femto-
seconds (fs). The user must program this register properly to
ensure proper operation of the device because many of its
subsystems rely on this value.
System Clock Stability Timer
The system clock stability timer, located in Register 0x0106 to
Register 0x0108, is a 20-bit value programmed in units of milli-
seconds (ms). If the programmed timer value is 0, the timer
immediately indicates that it has timed out. If the programmed
timer value is nonzero and the SYSCLK PLL is enabled, the timer
starts timing when the SYSCLK PLL lock detector indicates lock
and times out after the prescribed period. However, when the user
disables the SYSCLK PLL, the timer ignores the SYSCLK PLL
lock detector and starts timing the instant that the SYSCLK PLL
is disabled. The user can monitor the status of the stability timer
at Register 0x0D01, Bit 4, via the multifunction pins or via the
IRQ pin.
Note that the system clock stability timer must be programmed
before the SYSCLK PLL is either activated or disabled.
SYSCLK PLL Calibration
When using the SYSCLK PLL, it is necessary to calibrate the
LC-VCO to ensure that the PLL can remain locked to the system
clock input signal. Assuming the presence of either an external
SYSCLK input signal or a crystal resonator, the calibration process
executes after the user sets and then clears the calibrate system
clock bit in the cal/sync register (Register 0x0A02, Bit 0). During
the calibration process, the device calibrates the VCO amplitude
and frequency. The status of the system clock calibration process
is user accessible via the system clock status register (Register
0x0D01, Bit 1). It is also available via the IRQ monitor register
(Bit 1 of Register 0x0D02), provided that the status bit is enabled
via the IRQ mask register (Register 0x0209 and Register 0x0210).
When the calibration sequence is complete, the SYSCLK PLL
eventually attains a lock condition, at which point the system
clock stability timer begins its countdown sequence. Expiration
of the timer indicates that the SYSCLK PLL is stable, which is
reflected in the system clock status register (Register 0x0D01, Bit 4).
Note that the monitors/detectors associated with the input
references (REF A/REF AA and REF B/REF BB) are internally
disabled until the SYSCLK PLL indicates that it is stable.
CLOCK DISTRIBUTION
The clock distribution block of the AD9547 provides an integrated
solution for generating multiple clock outputs based on frequency
dividing the DPLL output. The distribution output consists of
two channels (OUT0 and OUT1). Each channel has a dedicated
divider and output driver section, as shown in Figure 47.
Rev. G | Page 39 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com