Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9547 Datasheet HTML 19Page - Analog Devices AD9547 Datasheet HTML 20Page - Analog Devices AD9547 Datasheet HTML 21Page - Analog Devices AD9547 Datasheet HTML 22Page - Analog Devices AD9547 Datasheet HTML 23Page - Analog Devices AD9547 Datasheet HTML 24Page - Analog Devices AD9547 Datasheet HTML 25Page - Analog Devices AD9547 Datasheet HTML 26Page - Analog Devices AD9547 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
Data Sheet
AD9547
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
AD9547
HIGH
IMPEDANCE
INPUT
DOWNSTREAM
DEVICE
0.1µF
0.1µF
3.3V LVDS
OUTPUT
Figure 26. AC-Coupled LVDS or LVPECL Output Driver
AD9547
DOWNSTREAM
DEVICE
3.3V
LVPECL-
COMPATIBLE
OUTPUT
Figure 27. DC-Coupled LVDS or LVPECL Output Driver
0.1µF
0.1µF
AD9547
SELF-BIASED
REFERENCE
INPUT
Figure 28. Reference Input
0.1µF
0.1µF
AD9547
SELF-BIASED
SYSCLKx
INPUT
Figure 29. SYSCLKx Input
0.1µF
0.1µF
AD9547
SELF-BIASED
CLKINx
INPUT
Figure 30. CLKINx Input
SYSCLKP
300
Ω
150
Ω
0.1µF
SYSCLKN
AD9547
3.3V
CMOS
TCXO
0.1µF
Figure 31. System Clock Input (SYSCLKP/SYSCLKN) When Using a
TCXO/OCXO with 3.3 V CMOS Output
SYSCLKP
SYSCLKN
AD9547
10MHz TO 50MHz FUNDAMENTAL
AT-CUT CRYSTAL WITH 10pF
LOAD CAPACITANCE (CLOAD)
15pF
15pF
0Ω
(OPTIONAL)
NOTES
1. THE RECOMMENDED CLOAD = 10pF IS SHOWN. THE VALUES OF
THE 15pF SHUNT CAPACITORS SHOWN HERE MUST EQUAL
2 × (CLOAD − CSTRAY), WHERE CSTRAY IS TYPICALLY 2pF to 5pF).
THE SERIES RESISTOR CONNECTED TO SYSCLKN IS NORMALLY
NOT REQUIRED, BUT CAN BE USEFUL TO LIMIT THE POWER
DISSIPATED IN THE CRYSTAL.
Figure 32. System Clock Input (XOA/XOB) in Crystal Mode
Rev. G | Page 23 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com