Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9547 Datasheet HTML 45Page - Analog Devices AD9547 Datasheet HTML 46Page - Analog Devices AD9547 Datasheet HTML 47Page - Analog Devices AD9547 Datasheet HTML 48Page - Analog Devices AD9547 Datasheet HTML 49Page - Analog Devices AD9547 Datasheet HTML 50Page - Analog Devices AD9547 Datasheet HTML 51Page - Analog Devices AD9547 Datasheet HTML 52Page - Analog Devices AD9547 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
Data Sheet
AD9547
Rev. G | Page 49 of 106
EXAMPLE
CONDITION 3 AND
CONDITION 13
ARE TAGGED
EEPROM
EEPROM CONTROLLER
UPLOAD
PROCEDURE
CONDITION
HANDLER
DOWNLOAD
PROCEDURE
CONDITION
TAG BOARD
1
6
5
4
3
2
11
10
9
8
7
30
31
24
23
22
21
20
19
18
17
16
15
14
13
12
25
26
27
28
29
IF B1 ≤ INSTRUCTION ≤ CF,
THEN TAG DECODED CONDITION
EXECUTE/SKIP
INSTRUCTION(S)
SCRATCH
PAD
CONDITION
CONDITION = 0x0E01, BITS[4:0]
ELSE
CONDITION = FncInit, BITS[7:3]
ENDIF
M7
M3
IF INSTRUCTION = B0,
THEN CLEAR ALL TAGS
FncInit, BITS[7:3]
REGISTER
0x0E01, BITS[4:0]
STORE CONDITION
INSTRUCTIONS AS
THEY ARE READ FROM
THE SCRATCH PAD.
WATCH FOR
OCCURRENCE OF
CONDITION
INSTRUCTIONS
DURING
DOWNLOAD.
IF {NO TAGS} OR {CONDITION = 0}
EXECUTE INSTRUCTIONS
ELSE
IF {CONDITION IS TAGGED}
EXECUTE INSTRUCTIONS
ELSE
SKIP INSTRUCTIONS
ENDIF
ENDIF
5
5
5
IF {0x0E01, BITS[4:0] ≠ 0}
Figure 50. EEPROM Conditional Processing
If the condition is not tagged, the controller skips instructions until
it encounters a condition instruction that decodes as a tagged
condition. Note that the condition tag board allows for multiple
conditions to be tagged at any given moment. This conditional
processing mechanism enables the user to have one download
instruction sequence with many possible outcomes, depending on
the value of the condition and the order in which the controller
encounters the condition instructions.
Table 29 lists a sample EEPROM download instruction sequence. It
illustrates the use of condition instructions and how they alter
the download sequence. The table begins with the assumption
that no conditions are in effect. That is, the most recently executed
condition instruction is 0xB0, or no conditional instructions
have been processed.
Table 29. EEPROM Conditional Processing Example
Instruction
Action
0x08
Transfer the system clock register contents
regardless of the current condition
0x01
0x00
0xB1
Tag Condition 1
0x19
Transfer the clock distribution register contents
only if condition = 1
0x04
0x00
0xB2
Tag Condition 2
0xB3
Tag Condition 3
0x07
Transfer the reference input register contents only
if condition = 1, 2, or 3
0x05
0x00
0x0A
Calibrate the system clock only if condition = 1, 2,
or 3
0xB0
Clear the condition tag board
Instruction
Action
0x80
Execute an I/O update, regardless of the value of
the condition
0x0A
Calibrate the system clock, regardless of the value
of the condition
Storing Multiple Device Setups in EEPROM
Conditional processing makes it possible to create a number of
different device setups, store them in EEPROM, and download
a specific setup on demand. To do so, first pro-gram the device
control registers for a specific setup. Then, store an upload
sequence in the EEPROM scratch pad with the following
general form:
1.
Condition instruction (0xB1 to 0xCF) to identify the setup
with a specific condition (1 to 31)
2.
Data instructions (to save the register contents) along with
any required calibrate and/or I/O update instructions
3.
Pause instruction (0xFE)
With the upload sequence written to the scratch pad, perform
an EEPROM upload (Register 0x0E02, Bit 0).
Reprogram the device control registers for the next desired
setup. Then store a new upload sequence in the EEPROM scratch
pad with the following general form:
1.
Condition Instruction 0xB0
2.
The next desired condition instruction (0xB1 to 0xCF, but
different from the one used during the previous upload to
identify a new setup)
3.
Data instructions (to save the register contents) along with
any required calibrate and/or I/O update instructions
4.
Pause instruction (FE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com