Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9547 Datasheet HTML 13Page - Analog Devices AD9547 Datasheet HTML 14Page - Analog Devices AD9547 Datasheet HTML 15Page - Analog Devices AD9547 Datasheet HTML 16Page - Analog Devices AD9547 Datasheet HTML 17Page - Analog Devices AD9547 Datasheet HTML 18Page - Analog Devices AD9547 Datasheet HTML 19Page - Analog Devices AD9547 Datasheet HTML 20Page - Analog Devices AD9547 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
Data Sheet
AD9547
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
47
I
Differential
input
REFB
Reference B Input. This internally biased input is typically ac-coupled and,
when configured as such, can accept any differential signal with a single-ended
swing of up to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
48
I
Differential
input
REFBB
Complementary Reference B Input. Complementary signal to the input provided
on Pin 47. The user can configure this pin as a separate single-ended input.
51
I
NC
No Connection. This pin should be left floating.
52
O
Logic
IRQ
Interrupt Request Line.
54, 55, 56, 57,
60, 61, 62, 63
I/O
3.3 V CMOS
M0, M1, M2, M3,
M4, M5, M6, M7
Configurable I/O Pins. These pins are configured under program control.
M0 to M2 control the serial port mode selection (see Table 30), and M3 to M7
control the EEPROM loading at startup or reset (see the Initial M0 to M7 Pin
Programming section). Note that there are no internal pull-up or pull-down
resistors on these pins, and the user should place pull-up or pull-down
resistors on each of these pins to avoid unpredictable start-up behavior.
EP
O
Exposed
pad
Exposed pad
The exposed pad must be connected to ground (VSS).
Rev. G | Page 17 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com