Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9554 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9554 Datasheet HTML 28Page - Analog Devices AD9554 Datasheet HTML 29Page - Analog Devices AD9554 Datasheet HTML 30Page - Analog Devices AD9554 Datasheet HTML 31Page - Analog Devices AD9554 Datasheet HTML 32Page - Analog Devices AD9554 Datasheet HTML 33Page - Analog Devices AD9554 Datasheet HTML 34Page - Analog Devices AD9554 Datasheet HTML 35Page - Analog Devices AD9554 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 32 of 116
PLL_0 Through PLL_3 Operational Controls
The PLL_0 through PLL_3 operational controls are located at
Register 0x0A20 to Register 0x0A84 and include the following:
APLL calibration and synchronization
Output driver enable and power-down
DPLL reference input switching modes
DPLL open-loop phase stepping control
The user free run bits that enable user free run mode reside in
the following registers:
Register 0x0A22 = 0x01 (DPLL_0)
Register 0x0A42 = 0x01 (DPLL_1)
Register 0x0A62 = 0x01 (DPLL_2)
Register 0x0A82 = 0x01 (DPLL_3)
APLL VCO Calibration
VCO calibration ensures that the VCO has sufficient operating
margin to function across the full temperature range. The user
can calibrate each of the four VCOs independently of one
another. When calibrating the APLL VCO, it is important to
remember the following conditions:
The APLL VCO calibration does not occur until the system
clock is stable.
The APLL VCO must have the correct frequency from the
30-bit digitally controlled oscillator (DCO) during
calibration. The free running tuning word is found in
Register 0x0400 to Register 0x0403 (DPLL_0),
Register 0x0500 to Register 0x0503 (DPLL_1),
Register 0x0600 to Register 0x0603 (DPLL_2), and
Register 0x0700 to Register 0x0703 (DPLL_3).
The APLL VCO must be recalibrated any time the APLL
frequency changes.
APLL VCO calibration occurs on the low to high transition
of the APLL VCO calibration bit (Register 0x0A20[1] for
APLL_0, Register 0x0A40[1] for APLL_1, Register 0x0A60[1]
for APLL_2, and Register 0x0A80[1] for APLL_3).
The VCO calibration bit is not an autoclearing bit.
Therefore, this bit must be cleared (and an IO_UPDATE
issued) before the APLL is recalibrated.
The best way to monitor successful APLL calibration is by
monitoring the APLL locked bit in the following registers:
Register 0x0D20[3] for APLL_0, Register 0x0D40[3] for
APLL_1, Register 0x0D60[3] for APLL_2, and
Register 0x0D80[3] for APLL_3.
Generate the Output Clock
If Register 0x0435 (for PLL_0), Register 0x0535 (for PLL_1),
Register 0x0635 (for PLL_2), or Register 0x0735 (for PLL_3) is
programmed for automatic clock distribution synchronization
via the DPLL phase or frequency lock, the synthesized output
signal appears at the clock distribution outputs. Otherwise, set and
then clear the soft sync bit (Bit 2 in Register 0x0A20 for APLL_0,
Bit 2 in Register 0x0A40 for APLL_1, Bit 2 in Register 0x0A60
for APLL_2, and Bit 2 in Register 0x0A80 for APLL_3) or use a
multifunction pin input (if programmed accordingly) to generate a
clock distribution sync pulse. This sync pulse causes the
synthesized output signal to appear at the clock distribution
outputs. Note that the sync pulse is delayed until the APLL
achieves lock following APLL calibration.
Generate the Reference Acquisition
After the registers are programmed, the DPLLs lock to the
reference input that has been manually selected (if any), or the
first available reference that has the highest priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com