Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9554 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9554 Datasheet HTML 35Page - Analog Devices AD9554 Datasheet HTML 36Page - Analog Devices AD9554 Datasheet HTML 37Page - Analog Devices AD9554 Datasheet HTML 38Page - Analog Devices AD9554 Datasheet HTML 39Page - Analog Devices AD9554 Datasheet HTML 40Page - Analog Devices AD9554 Datasheet HTML 41Page - Analog Devices AD9554 Datasheet HTML 42Page - Analog Devices AD9554 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 39 of 116
SYSTEM CLOCK (SYSCLK)
SYSCLK INPUTS
Functional Description
The SYSCLK circuit provides a low jitter, stable, high frequency
clock for use by the rest of the chip. The XOA and XOB pins
connect to the internal SYSCLK multiplier. The SYSCLK multiplier
can synthesize the system clock by connecting a crystal resonator
across the XOA and XOB input pins or by connecting a low
frequency clock source. The optimal signal for the system clock
input is either a crystal in the 50 MHz range or an ac-coupled
square wave with 800 mV p-p amplitude.
SYSCLK Reference Frequency
For the AD9554 to function properly, enter the system clock
reference frequency into Register 0x0202 to Register 0x0205.
The ability of the AD9554 to accurately measure the frequency
of the reference input depends on how accurately this register
setting matches the frequency on the system clock input.
Choosing the SYSCLK Source
There are two internal paths for the SYSCLK input signal:
crystal resonator (XTAL) and nonXTAL.
Using a TCXO for the system clock is a common use for the
nonXTAL path. Applications requiring DPLL loop bandwidths
of less than 50 Hz or high stability in holdover mode require a
TCXO or oven controlled crystal oscillator (OCXO). As an
alternative to the 49.152 MHz crystal for these applications, the
AD9554 reference design uses a 19.2 MHz TCXO, which offers
excellent holdover stability and a good combination of low jitter
and low spurious content.
The differential receiver connected to the XOA and XOB pins is
self-biased to a dc level of ~0.6 V, and ac coupling is strongly
recommended to maintain a 50% input duty cycle. When a 3.3 V
CMOS oscillator is in use, it is important to ac-couple and use a
voltage divider to reduce the input high voltage to a maximum
of 1.14 V. The target voltage swing is 800 mV p-p. See Figure 25
for details on connecting a 3.3 V CMOS TCXO to the system
clock input.
The nonXTAL input path permits the user to provide an
LVPECL, LVDS, CMOS, or sinusoidal low frequency clock for
multiplication by the integrated SYSCLK PLL. However, when
using a sinusoidal input signal, it is best to use a frequency of
≥20 MHz. Otherwise, the resulting low slew rate can lead to poor
noise performance. Note that there is an optional 2× frequency
multiplier to double the rate at the input to the SYSCLK PLL and
potentially reduce the PLL in-band noise. However, to avoid
exceeding the maximum PFD rate of 300 MHz, the 2× frequency
multiplier is only for input frequencies less than 150 MHz. Note
that using the doubler when the duty is not close to 50% results
in higher spurious noise and may prevent the system clock PLL
from locking.
The nonXTAL path also includes an input divider (M) that is
programmable for divide-by-1, -2, -4, or -8. The purpose of the
divider is to allow additional flexibility in setting the system
clock frequency to avoid spurs in the output clocks.
The XTAL path enables the connection of a crystal resonator
(typically 12 MHz to 50 MHz) across the XOA and XOB pins.
An internal amplifier provides the negative resistance required
to induce oscillation. The internal amplifier expects an AT cut,
fundamental mode crystal with a 100 Ω maximum motional
resistance. The following crystals, listed in alphabetical order,
may meet these criteria. Analog Devices does not guarantee
their operation with the AD9554, nor does Analog Devices
endorse one crystal supplier over another. The AD9554
reference design uses a 49.152 MHz crystal, which is high
performance, low spurious content, and readily available.
AVX/Kyocera CX3225SB
ECS, Inc. ECX-32
Epson/Toyocom TSX-3225
Fox FX3225BS
NDK NX3225SA
Siward SX-3225
Suntsu SCM10B48-49.152 MHz
SYSCLK MULTIPLIER
The SYSCLK PLL multiplier is an integer-N design with an
integrated VCO. It provides a means to convert a low frequency
clock input to the desired system clock frequency, fSYS (2250 MHz
to 2415 MHz). The SYSCLK PLL multiplier accepts input signals of
between 10 MHz and 268 MHz. The PLL contains a feedback
divider (K) that is programmable for divide values between 4
and 255.
fSYS = fOSC ×
JDIV
SYSCLK
KDIV
SYSCLK
_
_
where:
fOSC is the frequency at the XOA and XOB pins.
SYSCLK_KDIV is the K divider value stored in Register 0x0200.
SYSCLK_JDIV is the system clock J1 divider that is determined
by setting Register 0x0201[2:1].
If the system clock doubler is used, the value of SYSCLK_KDIV
must be half of its original value.
The system clock multiplier features a simple lock detector that
compares the time difference between the reference and
feedback edges. The most common cause of the SYSCLK
multiplier not locking is a non-50% duty cycle at the SYSCLK
input while the system clock doubler is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com