Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9554 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9554 Datasheet HTML 17Page - Analog Devices AD9554 Datasheet HTML 18Page - Analog Devices AD9554 Datasheet HTML 19Page - Analog Devices AD9554 Datasheet HTML 20Page - Analog Devices AD9554 Datasheet HTML 21Page - Analog Devices AD9554 Datasheet HTML 22Page - Analog Devices AD9554 Datasheet HTML 23Page - Analog Devices AD9554 Datasheet HTML 24Page - Analog Devices AD9554 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 21 of 116
TYPICAL PERFORMANCE CHARACTERISTICS
fR = input reference clock frequency, fOUT = output clock frequency, fSYS = SYSCLK input frequency, and VDD at 1.8 V.
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 414fs
PHASE NOISE (dBc/Hz):
10Hz
–82
100Hz
–97
1kHz
–114
10kHz
–125
100kHz
–129
1MHz
–138
10MHz
–153
FLOOR
–155
Figure 3. Absolute Phase Noise (Output Driver = 21 mA Mode),
fR = 19.44 MHz, fOUT = 156.25 MHz,
DPLL Loop Bandwidth = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 375fs
PHASE NOISE (dBc/Hz):
10Hz
–69
100Hz
–84
1kHz
–102
10kHz
–113
100kHz
–113
1MHz
–127
10MHz
–146
FLOOR
–152
Figure 4. Absolute Phase Noise (Output Driver = 21 mA Mode),
fR = 19.44 MHz, fOUT = 622.08 MHz,
DPLL Loop Bandwidth = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 381fs
PHASE NOISE (dBc/Hz):
10Hz
–67
100Hz
–84
1kHz
–102
10kHz
–113
100kHz
–116
1MHz
–128
10MHz
–147
FLOOR
–152
Figure 5. Absolute Phase Noise (Output Driver = 21 mA Mode),
fR = 19.44 MHz, fOUT = 644.53125 MHz,
DPLL Loop Bandwidth = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 427fs
PHASE NOISE (dBc/Hz):
10Hz
–63
100Hz
–84
1kHz
–101
10kHz
–112
100kHz
–116
1MHz
–124
10MHz
–144
FLOOR
–151
Figure 6. Absolute Phase Noise (Output Driver = 21 mA Mode),
fR = 19.44 MHz, fOUT = 693.482991 MHz,
DPLL Loop Bandwidth = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 393fs
PHASE NOISE (dBc/Hz):
10Hz
–80
100Hz
–96
1kHz
–113
10kHz
–125
100kHz
–128
1MHz
–137
10MHz
–154
FLOOR
–155
Figure 7. Absolute Phase Noise (Output Driver = 21 mA Mode),
fR = 19.44 MHz, fOUT = 174.703 MHz,
DPLL Loop Bandwidth = 1 kHz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 379fs
PHASE NOISE (dBc/Hz):
10Hz
–80
100Hz
–96
1kHz
–114
10kHz
–125
100kHz
–129
1MHz
–139
10MHz
–154
FLOOR
–155
Figure 8. Absolute Phase Noise, fR = 19.44 MHz, fOUT = 161.1328125 MHz,
DPLL Loop Bandwidth = 100 Hz, fSYS = 49.152 MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com