Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9554 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9554 Datasheet HTML 16Page - Analog Devices AD9554 Datasheet HTML 17Page - Analog Devices AD9554 Datasheet HTML 18Page - Analog Devices AD9554 Datasheet HTML 19Page - Analog Devices AD9554 Datasheet HTML 20Page - Analog Devices AD9554 Datasheet HTML 21Page - Analog Devices AD9554 Datasheet HTML 22Page - Analog Devices AD9554 Datasheet HTML 23Page - Analog Devices AD9554 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 20 of 116
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
60, 61, 65,
66, 67
M5, M6, M7,
M8, M9
I/O
1.5 V/1.8 V
CMOS
Configurable Input/Output Pins. These pins are used for status and control of
the AD9554. These pins are also used at power-up and reset to determine the
serial port and address. See the Multifunction Pins at Reset/Power-Up section
for more information about the internal 100 kΩ pull-up or pull-down resistors.
These pins are on the VDD digital power domain (Pin 62), and the logic high
voltage for this pin matches the voltage of the VDD pins.
63
XOB
I
Differential
input
Complementary System Clock Input. Complementary signal to XOA. XOB
contains internal dc biasing and must be ac-coupled with a 0.1 μF capacitor
except when using a crystal. When a crystal is used, connect the crystal across
XOA and XOB.
64
XOA
I
Differential
input
System Clock Input. XOA contains internal dc biasing and must be ac-coupled
with a 0.1 μF capacitor except when using a crystal. When a crystal is used,
connect the crystal across XOA and XOB. Single-ended CMOS is also an option,
but a spur may be introduced if the duty cycle is not 50%. When using XOA as
a single-ended input, connect a 0.1 μF capacitor from XOB to ground.
68
LF_3
I/O
Loop filter for
APLL_3
Loop Filter Node for the APLL_3. Connect an external 15 nF capacitor from this
pin to Pin 69 (LDO_3).
69
LDO_3
I
LDO bypass
APLL_3 Loop Filter Voltage Regulator. Connect a 0.22 μF capacitor from this pin
to ground. This pin is also the ac ground reference for the integrated APLL_3
external loop filter.
72
OUT3B
O
HCSL, LVDS-
compatible,
LVPECL-
compatible
PLL3 Output 3B. This HCSL output can be configured as a LVDS- or LVPECL-
compatible output. LVPECL and LVDS levels can be achieved by ac-coupling
and using the Thevenin equivalent termination as described in the
Input/Output Termination Recommendations section.
0
EPAD
GND
Exposed pad
The exposed pad is the ground connection on the chip. It must be soldered to
the analog ground of the printed circuit board (PCB) to ensure proper
functionality and heat dissipation, noise, and mechanical strength benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com