Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6503IP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM6503IP
Description  8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6503IP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM6503IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CM6503/4
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
2002/07/16
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6503IP
-40℃ to 125℃
8-Pin PDIIP (P08)
CM6504IP
-40℃ to 125℃
8-Pin PDIP (P08)
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are those values beyond which the device could be permanently damaged.
Parameter
Min.
Max.
Units
VCC MAX
23
V
IAC (after start up)
GND-0.3
1.0
V
ISENSE Voltage
-5
0.7
V
PFC OUT
GND – 0.3
VCC + 0.3
V
PWM Clock
GND – 0.3
VCC + 0.3
V
VEAO
0
6.3
V
Voltage on Any Other Pin
GND – 0.3
VREF + 0.3
V
ICC Current (Average)
40
mA
Peak PFC OUT Current, Source or Sink
0.5
A
Peak PWM OUT Current, Source or Sink
0.5
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
µJ
Junction Temperature
150
℃
Storage Temperature Range
-65
150
℃
Operating Temperature Range
-40
125
℃
Lead Temperature (Soldering, 10 sec)
260
℃
Thermal Resistance (θJA)
PDIP-08
SOP-08
80
℃
/W
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply Vcc=+15V,
TA=Operating Temperature Range (Note 1)
CM6503/4
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Voltage Error Amplifier (gmv)
Input Voltage Range
0
5
V
Transconductance
VNONINV = VINV, VEAO = 3.75V
30
65
90
µmho
Feedback Reference Voltage
2.45
2.5
2.55
V
Input Bias Current
Note 2
-0.5
-1.0
µA
Output High Voltage
5.8
6.0
V
Output Low Voltage
0.1
0.4
V
Sink Current
VFB = 3V, VEAO = 6V
-20
-35
µA
Source Current
VFB = 1.5V, VEAO = 1.5V
30
40
µA
Open Loop Gain
50
60
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
50
60
dB
IAC
Input Impedance
ISENSE = 0V
850
1000
1150
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com