Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6503IP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CM6503IP
Description  8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6503IP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CM6503IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 9Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CM6503/4
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
2002/07/16
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 6
Functional Description
The CM6503/4 consists of an ICST (Input Current Shaping
Technique), CCM (Continuous Conduction Mode) or DCM
(Discontinuous Conduction Mode) boost PFC (Power
Factor Correction) front end and a synchronized PWM
Clock to synchronize the down stream DC to DC PWM
stage.. The CM6503/4 is pin to pin compatible with
FAN6503/4. It is distinguished from earlier combo
controllers by its low count, innovative input current shaping
technique, and very low start-up and operating currents.
PWM clock is to synchronize the conventional trailing-edge
modulation DC to DC PWM stage, while the PFC uses
leading-edge modulation. This patented Leading
Edge/Trailing Edge (LETE) modulation technique helps to
minimize ripple current in the PFC DC buss capacitor.
Key features of CM6503/4:
1.) Voltage Error Amplifier is the slew rate
enhancement transconductance amplifier, gmv.
This transconductance amplifier will increase the
transient response 5 to 10 times from the
conventional OP
2.) VFB PFC OVP comparator
3.) Tri-fault Detect for UL1950 compliance and
enhanced safety
4.) A feedforward signal from IAC pin is added to do
the automatic slope compensation. This
increases the signal to noise ratio during the light
load; therefore, THD is improved at light load and
high input line voltage.
5.) CM6503 does not require the bleed resistor and
it uses the less than 500k ohm resistor between
IAC pin and rectified line voltage to feed the
initial current before the chip wakes up.
6.) VINOK comparator is added to guaranteed PWM
Clock cannot turn on until VFB reaches 2.5V in which
PFC boost output is about steady state, typical 380V.
7.) 8 pin packages
8.) No internal Zener which has been replaced with
VCCOVP comparator
The CM6503 operates both PFC and PWM sections at
67kHz, while the CM6504 operates the PWM section at
twice the frequency (134kHz) of the PFC. This allows the
use of smaller PWM magnetic and output filter components,
while minimizing switching losses in the PFC stage.
Several protection features have been built into the
CM6503/4. These include soft-start, redundant PFC
overvoltage protection, Tri-Fault Detect, VINOK, peak
current limiting, duty cycle limiting, under-voltage lockout,
reference ok comparator and VCCOVP.
Detailed Pin Descriptions
PFC OUT (Pin 1)
PFC OUT is the high-current power driver capable of
directly driving the gate of a power MOSFET with peak
currents up to -1A and +0.5A. Both outputs are actively held
low when VCC is below the UVLO threshold level which is
15V or VREFOK comparator is low.
GND (Pin 2)
GND is the return point for all circuits associated with this
part. Note: a high-quality, low impedance ground is critical to
the proper operation of the IC. High frequency grounding
techniques should be used.
ISENSE (Pin 3)
This pin ties to a resistor which senses the PFC input
current. This signal should be negative with respect to the IC
ground. It internally feeds the pulse-by-pulse current limit
comparator and the current sense feedback signal. The
ILIMIT trip level is –1V. The ISENSE feedback is internally
multiplied by a gain of four and compared against the internal
programmed ramp to set the PFC duty cycle. The
intersection of the boost inductor current downslope with the
internal programming ramp determines the boost off-time.
It requires a RC filter between ISENSE and PFC boost
sensing resistor.
VEAO (Pin 4)
This is the PFC slew rate enhanced transconductance
amplifier output which needs to connected with a
compensation network.
VFB (Pin 5)
Besides this is the PFC slew rate enhanced
transconductance input, it also tie to a couple of protection
comparators, PFCOVP, and Tri-Fault Detect.
IAC (pin 6)
Typically, it has a feedforward resistor, RAC, less than 500K
ohm resistor connected between this pin and rectified line
input voltage.
This pin serves 2 purposes:
1.) During the startup condition, it supplies the startup
current; therefore, the system does not requires
additional bleed resistor to start up the chip.
2.) The current of RAC will program the automatic
slope compensation for the system. This
feedforward signal can increase the signal to noise
ratio for the light load condition or the high input line
voltage condition.
VCC (Pin 7)
VCC is the power input connection to the IC. The VCC
start-up current is 100uA. The no-load ICC current is 2mA.
VCC quiescent current will include both the IC biasing
currents and the PFC output currents. Given the operating
frequency and the MOSFET gate charge (Qg), average PFC
output currents can be calculated as IOUT = Qg x F. The
average magnetizing current required for any gate drive
transformers must also be included. The VCC pin is also
assumed to be proportional to the PFC output voltage.
Internally it is tied to the VCC OVP comparator (19.4V)
providing redundant high-speed over-voltage protection
(OVP) of the PFC stage. VCC also ties internally to the
UVLO circuitry and VREFOK comparator, enabling the IC at
15V and disabling it at 10V. VCC must be bypassed with a
high quality ceramic bypass capacitor placed as close as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com