Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6503IP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM6503IP
Description  8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6503IP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM6503IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CM6503/4
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
2002/07/16
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
!
Enable lowest BOM for power supply with PFC
!
Patented slew rate enhanced voltage error amplifier with
advanced input current shaping technique
!
Universal Line Input Voltage
!
No bleed resistor required
!
CCM boost or DCM boost with leading edge modulation
PFC using Input Current Shaping Technique
!
Feedforward IAC pin to do the automatic slope
compensation
!
PFCOVP, TriFault Detect, PFC VCCOVP, Precision -1V
PFC ILIMIT
!
Low supply currents; start-up: 100uA typical, operating
current: 2mA typical.
!
Synchronized leading PFC and trailing edge modulation
PWM Clock for the down stream DC to DC stage to reduce
ripple current in the storage capacitor between the PFC and
PWM sections and to reduce switching noise in the system
!
VINOK Comparator to guarantee to enable PWM Clock
when PFC reach steady state
!
UVLO, VREFOK, and brownout protection
The 8 pin single PFC controller with 50% PWM clock ,
CM6503/4 is a space-saving controller for power factor
corrected, switched mode power supplies that offers very
low start-up and operating currents. For the power supply
less than 500Watt, its performance could be very close to
CM6800 or ML4800 architecture. Its IAC has dual function.
8 pin CM6503/4 does not require and bleed resistors. It use
IAC pin during the start up condition to start up CM6503/4.
After CM6503/4 is on, IAC will switch itself back to the IAC
function.
Power Factor Correction (PFC) offers the use of smaller,
lower cost bulk capacitors, reduces power line loading and
stress on the switching FETs, and results in a power supply
fully compliant to IEC1000-3-2 specifications. The
CM6503/4 includes circuits for the implementation of a
leading edge, average current “boost” type PFC and a
trailing edge, PWM Clock signal which will not turn on until
PFC boost output reaches steady state.
The CM6503’s PFC and PWM Clock operate at the same
frequency, 67kHz. The PFC frequency of the CM6504 is
automatically set at half that of the 134kHz PWM. This
higher frequency allows the user to design with smaller
PWM components while maintaining the optimum operating
frequency for the PFC. An PFC OVP comparator shuts
down the PFC section in the event of a sudden decrease in
load. The PFC section also includes peak current limiting
for enhanced system reliability.
24 Hours Technical Support---WebSIM
Champion provides customers an online circuit simulation tool
called WebSIM. You could simply logon our website at
www.champion-micro.com for details.
APPLICATIONS
PIN CONFIGURATION
!
Desktop PC Power Supply
!
AC Adaptor
!
Internet Server Power Supply
!
IPC Power Supply
!
UPS
!
Battery Charger
!
DC Motor Power Supply
!
Monitor Power Supply
!
Telecom System Power Supply
!
Distributed Power
DIP-08 (P08)
Top View
1
2
3
4
8
7
6
5
PFCOUT
GND
ISENSE
VEAO
PW MCLK
VCC
IAC
VFB


Similar Part No. - CM6503IP

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM6500 CMEDIA-CM6500 Datasheet
1Mb / 36P
USB Audio Sound Chip
CM6500B CMEDIA-CM6500B Datasheet
1Mb / 36P
USB Audio Sound Chip
CM6500B CMEDIA-CM6500B Datasheet
1Mb / 36P
USB Audio Sound Chip
CM6500UNX CMEDIA-CM6500UNX Datasheet
1Mb / 36P
USB Audio Sound Chip
logo
Chicago Miniature Lamp,...
CM6502 CML-CM6502 Datasheet
222Kb / 1P
T-1 1/2 Wedge Base
More results

Similar Description - CM6503IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
Low Pin Count PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com