Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6503IP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CM6503IP
Description  8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6503IP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CM6503IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 9Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 10Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 11Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 12Page - List of Unclassifed Manufacturers CM6503IP Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CM6503/4
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
2002/07/16
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 11
50% PWM Clock
PWMCLK is the PWM Clock signal for the down stream DC
to DC PWM stage. This signal will not be on until the PFC
boost output reaches steady state which means VFB has
reaches 2.45V. (Typical PFC boost output is around 380V.
Then PWMCLK will send out 50% clock signal which has
been perfectly aligned with PFCOUT signal which is leading
edge modulation.
In CM6503, 50% PWM Clock is running at 67.5K hz. In
CM6504, 50% PWM Clock is running at 135Khz.
APPLICATION CIRCUIT (CM6503/4)
D8
R7
F1
AC IN
19.4V
R1A
UVLO
0.75V
10mS
..
.
D2
C15
400K ohm
C8
To synchronize
next DC to DC
stage
R1B
VREF OK
R5
D3
S
R
Q
Q
R
PFCCLKB
PWMCLK
OSC
.
.
67KHz
VFB
2
GND
Q1
134KHz
R2
CFilter
67KHz
R1C
C7
18V
C14
VCC OVP
+
-
.
-
C1
SS
VREFOK
PFC ILIMIT
+
-
.
8
PWMCLK
C8
..
+
+
OUT
U1
SUM
.
.
.
50%
UVLO
..
+
-
.
T1
RAMP
+
-
.
PFC OVP
+
-
.
-
7
VCC
PFCCMP
+
-
.
-1V
Tri-Fault
Detect
4
VEAO
C5
D1
R3
67KHz
CM6504
1K ohm
3
ISENSE
1V
D4
pwm clk=
Z1
100K ohm
1
PFCOUT
D5
2.5V
CM6503
C4
VIN OK
+
-
.
+
6
IAC
D7
fpfc=
RFIlter
T1
2.5V
C9
FAULTB
gmv
2.5V
R11
D11
0.5V
pwm clk=
VREF OK
ISENSEAMP
VCC
SS
PWM CLK
5
VFB
R4
2.75V
fpfc=
C13
VCC
RAC
PFCCLKB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com