Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5902 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC5902
Description  Optically Isolated I2C Bus Repeater
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5902 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC5902 Datasheet HTML 6Page - IXYS Corporation CPC5902 Datasheet HTML 7Page - IXYS Corporation CPC5902 Datasheet HTML 8Page - IXYS Corporation CPC5902 Datasheet HTML 9Page - IXYS Corporation CPC5902 Datasheet HTML 10Page - IXYS Corporation CPC5902 Datasheet HTML 11Page - IXYS Corporation CPC5902 Datasheet HTML 12Page - IXYS Corporation CPC5902 Datasheet HTML 13Page - IXYS Corporation CPC5902 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5902
R03
www.ixysic.com
11
CPC5902 Side A devices may be connected to the
Side B bus.
For all modes, the minimum required voltage drop
across the Side B pull-up resistor at VDDB_max by the
external non-CPC5902 I2C bus drivers is:
Minimum RPUB Voltage = VDDB_max - (0.2 • VDDB_max - 60mV)
= 0.8 • VDDB_max + 60mV
which gives the calculation for the minimum value of
the pull-up resistor as:
RPUB_min = (0.8 • VDDB_max + 60mV) / IOL
where IOL is the guaranteed logic low drive current of
the non-CPC5902 bus drivers.
For Standard-mode designs, with output drivers rated
at 3mA and a maximum supply voltage of 3.6V, the
minimum value of the pull-up resistor is:
RPUB_min = (0.8 • 3.6 + 60mV) / 3mA = 980
The minimal standard value 1% resistor with a
100ppm/
C temperature coefficient that will not go
below the calculated minimum due to tolerance and
temperature is 1k
.
In Fast-mode designs with 6mA capable output drivers
and a supply voltage maximum of 5.5V, the minimum
Fast-mode pull-up resistor value is calculated to be:
RPUB_min = (0.8 • 5.5 + 60mV) / 6mA = 743.3
For a Fast-mode design with high capacitive bus
loading a 768
, 1%, 100ppm/C resistor would suffice.
When the bus does not have a heavy capacitive load
then a larger value pull-up resistor can be used
thereby reducing overall power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com