Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5902 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC5902
Description  Optically Isolated I2C Bus Repeater
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5902 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC5902 Datasheet HTML 2Page - IXYS Corporation CPC5902 Datasheet HTML 3Page - IXYS Corporation CPC5902 Datasheet HTML 4Page - IXYS Corporation CPC5902 Datasheet HTML 5Page - IXYS Corporation CPC5902 Datasheet HTML 6Page - IXYS Corporation CPC5902 Datasheet HTML 7Page - IXYS Corporation CPC5902 Datasheet HTML 8Page - IXYS Corporation CPC5902 Datasheet HTML 9Page - IXYS Corporation CPC5902 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5902
6
www.ixysic.com
R03
1.9 IOA to IOB Switching Waveforms
1.10 IOB to IOA Switching Waveforms
0ns
1000ns
500ns
0V
4V
3V
2V
1V
IOB Out
0.5 • V
DDB = 1.65V
t
PLH_AB
0ns
1000ns
500ns
0V
4V
3V
2V
1V
IOA In
0.5 • V
DDA = 1.65V
t
PHL_AB
V
DDA=3.3V
V
DDB=3.3V
0ns
1000ns
500ns
0V
4V
3V
2V
1V
0ns
1000ns
500ns
0V
4V
3V
2V
1V
IOB In
IOA Out
t
PHL_BA
0.2 • V
DDB = 0.66V
t
PLH_BAB
t
PLH_BA
0.5 • V
DDB = 1.65V
0.5 • V
DDA = 1.65V
V
DDB=3.3V
V
DDA=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com