Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5902 Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC5902
Description  Optically Isolated I2C Bus Repeater
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5902 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC5902 Datasheet HTML 4Page - IXYS Corporation CPC5902 Datasheet HTML 5Page - IXYS Corporation CPC5902 Datasheet HTML 6Page - IXYS Corporation CPC5902 Datasheet HTML 7Page - IXYS Corporation CPC5902 Datasheet HTML 8Page - IXYS Corporation CPC5902 Datasheet HTML 9Page - IXYS Corporation CPC5902 Datasheet HTML 10Page - IXYS Corporation CPC5902 Datasheet HTML 11Page - IXYS Corporation CPC5902 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5902
8
www.ixysic.com
R03
3
Functional Description
3.1 Overview
The CPC5902 combines the features of multiple logic
optoisolators and an I2C bus repeater in a single 8-pin
package. It offers excellent isolation (3750Vrms) and
speed sufficient to support I2C Fast-mode at 400kbps.
It bidirectionally buffers the two I2C signals across the
isolation barrier, and supports I2C clock stretching. If
different supply voltage levels are used at each side,
then the part, in conjunction with its external pullup
resistors, will perform logic level translation for VDD
between 2.7V and 5.5V at either side.
The CPC5902, like available non-galvanically isolating
I2C bus repeaters, has a full drive side and a limited
drive side. It uses a voltage-limited output driver and a
lower VTHRESHOLD (VIL) at the Side B IO. The
voltage-limited Side B output driver can not output a
VOL level below an internally set voltage limit. This is
necessary to ensure that the CPC5902 cannot drive
its own IOB input to a level it accepts as a logic low,
which would cause I2C bus contention. The parts are
specified with a minimum VOL-VIL margin of 25mV at
minimum VDDB, and exhibit a proportionately larger
self-drive margin with larger VDDB.
The Side A drivers are Fast-mode, full strength (6mA)
over the full VDDA range, and the input thresholds are
specified to be Fast-mode compliant; thus Side A will
drive up to the full 400pF Fast-mode CLOAD and is
allowed to drive its own input to a logic low. Devices
meeting the I2C specification are easily able to drive
the IO nodes below the CPC5902’s lower VIL
(0.2VDDB) threshold at the Side B inputs, and will
correctly accept the CPC5902 Side B driven data,
thereby enabling Side B bidirectional communication
at up to 3mA of load current over the full VDDB range.
Over the entire VDDx range, Side A is fully I
2C
Fast-mode compliant while Side B is I2C
Standard-mode compliant. It is important to note that
Side B can be operated at the Fast-mode date rate
when the capacitive loading on the bus is kept at
200pF or less, however when VDDB > 4.5V, Side B is
also Fast-mode compliant with up to 400pF capacitive
loading.
IO pullup resistors are required on both sides of the
barrier. At the Side B inputs, resistor values should be
chosen for Standard-mode 3mA pullup current (for
operation independent of VDDB). Pullups chosen for
Fast-mode drivers (up to 6mA) can be used at Side A
with no loss of noise margin.
Applying a pulse at a Side B input inherently involves
the use of some of the output driver circuits at that I/O.
In a manner similar to the I2C clock stretching feature,
once an asserted signal is determined to be valid, it is
stretched until its proper transmission through the
optics has been verified. This insures that there will be
no extra edges generated at either side due to optic
delays. If a Side B asserted-low pulse is long enough
to be accepted and passed to Side A, then the flip-flop
at Side B is set and remains set until the signal returns
through the optics from Side A.
In operation, a valid asserted pulse of less than 80ns
applied at Side B appears at Side A after a delay
largely determined by the low-pass filter delay (tFIL)
and the optics delay (tOPHL_BA). After this initial delay
the Side A driver is activated and a logic low is
asserted at time:
tSTARTA = tFIL + tOPHL_BA
That assertion is returned across the optics to Side B
after a delay largely determined by tOPHL_AB. Upon
arriving at Side B, the flip-flop is cleared, and the
deassertion is sent through the optics to Side A,
arriving at the Side A output after a delay largely
determined by tOPLH_BA at time:
tENDA = tFIL + tOPHL_BA + tOPHL_AB + tOPLH_BA
Thus a valid Side B pulse having a width less than
80ns is stretched at Side A to a typical width of 125ns.
The duration of the pulse width output onto the Side A
bus is given by:
tPWA_min = (tOPHL_AB + tOPLH_BA)
When Side A is deasserted, the output rises at a slew
rate determined by the RC load on IOA, and passes
the logic threshold after time tSLEWA. The deasserted
(logic HIGH) input propagates through the optics and
deasserts the Side B output after a delay largely



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com