Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5902 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5902
Description  Optically Isolated I2C Bus Repeater
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5902 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5902 Datasheet HTML 1Page - IXYS Corporation CPC5902 Datasheet HTML 2Page - IXYS Corporation CPC5902 Datasheet HTML 3Page - IXYS Corporation CPC5902 Datasheet HTML 4Page - IXYS Corporation CPC5902 Datasheet HTML 5Page - IXYS Corporation CPC5902 Datasheet HTML 6Page - IXYS Corporation CPC5902 Datasheet HTML 7Page - IXYS Corporation CPC5902 Datasheet HTML 8Page - IXYS Corporation CPC5902 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5902-R03
www.ixysic.com
1
e3
Pb
Features
• Bidirectionally Buffers Both I2C Signals
• Glitch-Free Operation
• Extends and Isolates I2C Interfaces
• Standard- and Fast-mode I2C
Side B Fast-mode I2C Compliant VDDB > 4.5V
• Very Low EM and RF Generation - No Internal Clock
• SMBus Compatible V
DDB = 3.3V
• Operates on 2.7V to 5.5V, Enabling Level Translation
• Slew-Limited Drivers Reduce EMI
• Powerdown to Hi-Z Doesn't Load I2C
• 3750V
rms Galvanic Isolation
Applications
• Isolated Signal Monitoring and Control
• Power-over-Ethernet
• Power Supply High Side Interface
• I2C Bus Length Extenders
• I2C Logic Level Translation
Approvals
• UL 1577 Certified Component: File E76270
• EN/IEC 60950 Certified Component:
TUV Certificate B 11 10 49410 007
Description
IXYS Integrated Circuits Division’s CPC5902 is a dual,
optically isolated, bidirectional logic-bus repeater. It
galvanically isolates two open-drain logic signals, and
provides a galvanic isolation of 3750Vrms. When the
two sides’ supply voltages are configured with different
voltages, the CPC5902 also functions as a logic level
translator for levels as low as 2.7V or as high as 5.5V.
Unlike transformer or capacitive isolators, the optically
isolated repeaters pass DC signals, and do not need
to be clocked periodically to sustain the logic states.
Buffered signals will always return to their proper value
after a transient interruption on either side.
Ordering Information
Figure 1. CPC5902 Functional Block Diagram
Part
Description
CPC5902G
8-Pin DIP (50 / Tube)
CPC5902GS
8-Pin Surface Mount (50 / Tube)
CPC5902GSTR 8-Pin Surface Mount (1000 / Reel)
A
V
DDA
LED
V
DDB
Q
D
CLR
V
DDB
B
LED
V
DDB
Q
D
CLR
V
DDB
B
LED
A
V
DDA
IOA2
V
DDB
IOB1
V
DDB
IOB2
A
V
DDA
LED
V
DDA
IOA1
V
DDA
A
V
DDB
B
B
1
2
3
45
6
7
8
V
DDA
GND
A
GND
B
V
DDB
3750V
rms Optical Isolation
B
A
CPC5902
Optically Isolated I2C Bus Repeater


Similar Part No. - CPC5902

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5903 IXYS-CPC5903 Datasheet
271Kb / 15P
Bidirectionally Buffers I2C SDA Signal
CPC5903G IXYS-CPC5903G Datasheet
271Kb / 15P
Bidirectionally Buffers I2C SDA Signal
CPC5903GS IXYS-CPC5903GS Datasheet
271Kb / 15P
Bidirectionally Buffers I2C SDA Signal
CPC5903GSTR IXYS-CPC5903GSTR Datasheet
271Kb / 15P
Bidirectionally Buffers I2C SDA Signal
More results

Similar Description - CPC5902

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515 PHILIPS-PCA9515 Datasheet
128Kb / 11P
I2C-bus repeater
2004 Jun 24
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
I2C-bus repeater
2004 Sep 29
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
I2C-bus repeater
Rev. 09-23 April 2009
PCA9515A NXP-PCA9515A Datasheet
112Kb / 18P
I2C-bus repeater
Rev. 04-11 April 2008
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
I2C-bus repeater
Rev. 5-23 March 2012
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Advantech Co., Ltd.
ULI-234TCL ADVANTECH-ULI-234TCL Datasheet
1Mb / 4P
Optically Isolated RS-422/485 Repeater/Extender
19-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com