Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW3100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW3100
Description  TRANSCEIVER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW3100 Datasheet(HTML) 2 Page - STMicroelectronics

  STW3100 Datasheet HTML 1Page - STMicroelectronics STW3100 Datasheet HTML 2Page - STMicroelectronics STW3100 Datasheet HTML 3Page - STMicroelectronics STW3100 Datasheet HTML 4Page - STMicroelectronics STW3100 Datasheet HTML 5Page - STMicroelectronics STW3100 Datasheet HTML 6Page - STMicroelectronics STW3100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STW3100
2/7
3
ELECTRICAL CHARACTERISTICS
3.1 DC SECTION
Limiting value
DC characteristics
VCC = 2.7V;
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Absolute Maximum Ratings
VCC
Maximum voltage supply
3.6
V
Tstg
Storage Temperature
-55
25
125
°C
Pdiss
Maximum Power dissipation
500
mW
Operating Functionality range
Top
Operating Temperature
-40
25
85
°C
VCC
Supply voltage on Vcc_SYN and
Vcc_RX/TX pins
2.7
3.3
V
Operating Specified range
Top
Operating Temperature
-20
25
70
°C
VCC
Supply voltage on Vcc_SYN and
Vcc_RX/TX pins
2.7
3.3
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Pin Vcc_syn
Icc
Supply current in power off mode
10
µA
Icc
Supply current in REF mode
3
mA
Icc
Supply in Syn mode
35
mA
Pin Vcc_RX/TX
Icc
Supply current in power off mode
10
µA
Icc
Supply current in RX mode
35
mA
Icc
Supply current in TX mode GSM
bands
88
mA
Icc
Supply current in TX mode DCS
or PCS bands
88
mA
Pin Vccreg_RFVCO
Vccreg
Internal regulated supply voltage
2
V
Pin Vccreg_TXVCO
Vccreg
Internal regulated supply voltage
2
V
Pin Vccreg_Digital
Vccreg
Internal regulated supply voltage
1.8
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com