Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW3100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW3100
Description  TRANSCEIVER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW3100 Datasheet(HTML) 1 Page - STMicroelectronics

  STW3100 Datasheet HTML 1Page - STMicroelectronics STW3100 Datasheet HTML 2Page - STMicroelectronics STW3100 Datasheet HTML 3Page - STMicroelectronics STW3100 Datasheet HTML 4Page - STMicroelectronics STW3100 Datasheet HTML 5Page - STMicroelectronics STW3100 Datasheet HTML 6Page - STMicroelectronics STW3100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STW3100
February 2004
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
1
FEATURES
■ Triple-band (EGSM900 / DCS1800 / PCS1900).
■ Supports data transfer applications in multi-
slots GPRS class-12
■ EDGE Receive capability
■ Integrates:
– BiCMOS6G RF transceiver
– 3 Receive Band Pass filters
– 3 Receive Matching Network between filters
output & LNA input
– PLL loop filter
– Decoupling / DC blocking capacitors
■ Insures compatibility with different Power
Modules
– STW3102 Power Module
– Power Module coming from the competition
■ RF interfaces:
– Single-ended 50 ohms acceses
–3 in Rx
–2 in Tx
■ Noise Figure in
– Low band : 5.5 dB typ
– Hign bands : 6 dB typ
■ Transmit output level:
– EGSM band : 1 or 5 dBm typ
– DCS & PCS bands : 1 or 5 dBm typ
■ Standard Rx / Tx differential I/Q analogue
interface
■ Supply voltage range: 2.7V min / 3.3V max
■ Embedded voltage regulators to supply on chip
RF functions
■ Package:
– Full lead-free
– 104 -BGA 7 x 7 pack
■ Temperature range:
– Case operating temperature range:
-20°/ +70°C (fulfil specification)
■ ESD handling:
– ± 2 kV Human Body Model
■ Control interfaces:
– Towards Baseband: 3-wire serial interface
with a Clock (Clk), enable (En) and a data line
(Data).
– Towards Front-End functions 3 control pins
2
DESCRIPTION
In a 1.4 x 7 x 7mm low-profile Ball Grid Array pack-
age, the new modules integrate all of the key func-
tions, requiring only a 26MHz crystal and a power
amplifier module (PA+antenna switch functions) to
build a complete triple-band solution from antenna
to base band interface. Two versions are offered:
type
STw3100
addresses
the
European
EGSM900, DCS1800, and PCS1900 bands while
the STw3101 targets the US GSM850, DCS1800,
and PCS1900 bands. The transceiver modules
are
compatible
with
the
STMicroelectronics
STw3102 power-amplifier module and most of the
standard power amplifiers available on the market.
LFBGA104 (7x7x1.4mm)
ORDERING NUMBER: STW3100
REV. 1.0 - PRODUCT PREVIEW
TRANSCEIVER MODULE


Similar Part No. - STW3100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW31N65M5 STMICROELECTRONICS-STW31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
logo
Inchange Semiconductor ...
STW31N65M5 ISC-STW31N65M5 Datasheet
420Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW3100

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6001A KODENSHI-KOI-6001A Datasheet
1Mb / 2P
IR Transceiver Module
KOI-6001B KODENSHI-KOI-6001B Datasheet
107Kb / 2P
IR Transceiver Module
KOI-6006B KODENSHI-KOI-6006B Datasheet
104Kb / 2P
IR Transceiver Module
KOI-6005A KODENSHI-KOI-6005A Datasheet
105Kb / 2P
IR Transceiver Module
KOI-6001CN KODENSHI-KOI-6001CN Datasheet
159Kb / 3P
IR Transceiver Module
logo
List of Unclassifed Man...
TRM-900-NT ETC1-TRM-900-NT Datasheet
2Mb / 23P
Transceiver Module
logo
EnOcean GmbH.
TCM410J ENOCEAN-TCM410J Datasheet
328Kb / 1P
Transceiver Module
November 2017
logo
Renesas Technology Corp
NL1000 RENESAS-NL1000 Datasheet
195Kb / 10P
TRANSCEIVER MODULE
1999
NL1020 RENESAS-NL1020 Datasheet
185Kb / 10P
TRANSCEIVER MODULE
1999
NL1100 RENESAS-NL1100 Datasheet
204Kb / 10P
TRANSCEIVER MODULE
1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com