Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW3100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW3100
Description  TRANSCEIVER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW3100 Datasheet(HTML) 5 Page - STMicroelectronics

  STW3100 Datasheet HTML 1Page - STMicroelectronics STW3100 Datasheet HTML 2Page - STMicroelectronics STW3100 Datasheet HTML 3Page - STMicroelectronics STW3100 Datasheet HTML 4Page - STMicroelectronics STW3100 Datasheet HTML 5Page - STMicroelectronics STW3100 Datasheet HTML 6Page - STMicroelectronics STW3100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
STW3100
3.4 Frequency generation Section
Vcc = 2.7V;
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RF synthesizer
Tlock_time
Settling Time
φpeak < 20°
150
200
us
EGSM900 Frequency Range
880.2
959.8
MHz
DCS1800 Frequency Range
1710.2
1879.8
MHz
DCS1900 Frequency Range
1850.2
1989.8
MHz
Fchannnel
Channel spacing
200
kHz
Fstep
Synthesizer frequency step
(Fract-N PLL)
0.0022
ppm
DCXO
Fref
Reference Frequency (quartz
input)
26
MHz
Frange crystal Capacitor bank frequency range
-30
+30
ppm
Fstep crystal
Capacitor bank step
-
1
-
ppm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com