Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW3100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW3100
Description  TRANSCEIVER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW3100 Datasheet(HTML) 4 Page - STMicroelectronics

  STW3100 Datasheet HTML 1Page - STMicroelectronics STW3100 Datasheet HTML 2Page - STMicroelectronics STW3100 Datasheet HTML 3Page - STMicroelectronics STW3100 Datasheet HTML 4Page - STMicroelectronics STW3100 Datasheet HTML 5Page - STMicroelectronics STW3100 Datasheet HTML 6Page - STMicroelectronics STW3100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STW3100
4/7
∆GIQ
I & Q Gain mismatch
-1
+1
dB
∆Φ IQ
I & Q quadrature mismatch
-5
+5
deg
VCm
Output Common mode voltage
1.2
1.35
1.5
V
VSwing
Maximum single ended Output
Voltage
4Vpp mode
2Vpp mode
0.75
0.375
Vpk
Voffset
Differential Output
OffsetVoltage
after calibration
-150
±20
+150
mV
Toffset
Offset voltage calibration
settling time (during the locking
time phase)
200
us
3.3 Transmit Section
Vcc = 2.7V;
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Pins ITX(+), ITX(-), QTX(+) and QTX(-)
Fmod
Modulation frequency range
3dB low pass
cut-off frequency
1-
-
MHz
VDC mod
Input Common mode voltage
0.8
1
1.4
V
Vmod
Modulation level
Single ended;
peak to peak value
0.811.2
Vpp
VDC offset
Input DC offset permissible
Differential
10
mV
RIN
Dynamic input resistance
Single ended
10
-
-
k
Ω
CIN
Dynamic input capacitance
Single ended
-
-
20
pF
differential
56
RF Tx performances
fTX2
Output frequency
EGSM900
880
915
MHz
fTX3
GSM1800
1710
1785
fTX4
GSM1900
1850
1910
Zout
Output impedance
Single-Ended
50
Ω
VSWR_out
Output VSWR into 50 ohm
1.5
2
POUTGMSK Output power into 50 ohm load
Set to Pout _0
+1
dBm
Set to Pout _1
+5
ACPR400
ACPR @ 400 kHz offset
(BW = 30 kHz)
Low Band
-65
-62
dBc/
BW
High Band
-63
-61
N20MHz
Output Phase Noise @ 20 MHz
offset
Low Band
-164
-159
dBc/
Hz
High Band
-156
-152
RMS
RMS phase error
1.2
2.5
deg
H2LB
2nd Harmonic level
-20
dBc
H3LB
3rd Harmonic level
-20
dBc
IMout
Unwanted sideband suppression
-45
-35
dBc
Crej
Carrier rejection
-40
-32
dBc
3.2 Receive Section (continued)
Vcc = 2.7V;
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com