Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 28Page - Analog Devices AD9914/PCBZ Datasheet HTML 29Page - Analog Devices AD9914/PCBZ Datasheet HTML 30Page - Analog Devices AD9914/PCBZ Datasheet HTML 31Page - Analog Devices AD9914/PCBZ Datasheet HTML 32Page - Analog Devices AD9914/PCBZ Datasheet HTML 33Page - Analog Devices AD9914/PCBZ Datasheet HTML 34Page - Analog Devices AD9914/PCBZ Datasheet HTML 35Page - Analog Devices AD9914/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
AD9914
Data Sheet
Rev. F | Page 32 of 45
SDO—Serial Data Out
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. When the AD9914 operates
in single bidirectional input/output mode, this pin does not
output data and is set to a high impedance state.
SYNCIO—Input/Output Reset
SYNCIO synchronizes the input/output port state machines
without affecting the contents of the addressable registers. An
active high input on the SYNCIO pin causes the current
communication cycle to abort. After SYNCIO returns low
(Logic 0), another communication cycle can begin, starting
with the instruction byte write.
I/O_UPDATE—Input/Output Update
The input/output update initiates the transfer of written data
from the serial or parallel input/output port buffer to active
registers. I/O_UPDATE is active on the rising edge, and the
pulse width must be greater than one SYNC_CLK period.
SERIAL INPUT/OUTPUT TIMING DIAGRAMS
Figure 42 through Figure 45 provide basic examples of the timing
relationships between the various control signals of the serial
input/output port. Most of the bits in the register map are not
transferred to the internal destinations until assertion of an
input/output update, which is not included in the timing
diagrams that follow.
Note that the SCLK stall condition between the instruction byte
cycle and data transfer cycle in Figure 42 to Figure 45 is not
required.
MSB/LSB TRANSFERS
The AD9914 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by Bit 0 in CFR1 (0x00). The default
format is MSB first. If LSB first is active, all data, including the
instruction byte, must follow LSB-first convention. Note that the
highest number found in the bit range column for each register is
the MSB, and the lowest number is the LSB for that register.
I
7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I
6
I
5
I
4
I
3
I
2
I
1
I
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Figure 42. Serial Port Write Timing, Clock Stall Low
DO7
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
DON'T CARE
I
7
I
6
I
5
I
4
I
3
I
2
I
1
I
0
SDIO
SCLK
CS
SDO
DO6
DO5
DO4
DO3
DO2
DO1
DO0
Figure 43. 3-Wire Serial Port Read Timing, Clock Stall Low
I
7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I
6
I
5
I
4
I
3
I
2
I
1
I
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Figure 44. Serial Port Write Timing, Clock Stall High
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
D
O7
D
O6
D
O5
D
O4
D
O3
D
O2
D
O1
D
O0
Figure 45. 2-Wire Serial Port Read Timing, Clock Stall High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com