Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 37Page - Analog Devices AD9914/PCBZ Datasheet HTML 38Page - Analog Devices AD9914/PCBZ Datasheet HTML 39Page - Analog Devices AD9914/PCBZ Datasheet HTML 40Page - Analog Devices AD9914/PCBZ Datasheet HTML 41Page - Analog Devices AD9914/PCBZ Datasheet HTML 42Page - Analog Devices AD9914/PCBZ Datasheet HTML 43Page - Analog Devices AD9914/PCBZ Datasheet HTML 44Page - Analog Devices AD9914/PCBZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
AD9914
Data Sheet
Rev. F | Page 42 of 45
Control Function Register 4 (CFR4)—Address 0x03
Table 18. Bit Descriptions for DAC
Bit(s)
Mnemonic
Description
[31:27]
Open
Open
26
Auxiliary divider
power-down
0 = enables the SYNC OUT circuitry.
1 = disables the SYNC OUT circuitry
25
DAC CAL clock
power-down
0 = enables the DAC CAL clock if Bit 26 in Register 0x03 is Logic 0.
1 = disables the DAC CAL clock.
24
DAC CAL enable
1 = initiates an auto DAC calibration. The DAC CAL calibration is required at power-up and
any time the internal system clock is changed.
[23:0]
(See description)
These bits must always be programmed with the default values listed in the default column
in Table 14.
Digital Ramp Lower Limit Register—Address 0x04
This register is effective only if the digital ramp enable bit in the CFR2 register (0x01[19]) = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 19. Bit Descriptions for Digital Ramp Lower Limit Register
Bit(s)
Mnemonic
Description
[31:0]
Digital ramp lower limit
32-bit digital ramp lower limit value.
Digital Ramp Upper Limit Register—Address 0x05
This register is effective only if the digital ramp enable bit in the CFR2 register (0x01[19]) = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 20. Bit Descriptions for Digital Ramp Limit Register
Bit(s)
Mnemonic
Description
[31:0]
Digital ramp upper limit
32-bit digital ramp upper limit value.
Rising Digital Ramp Step Size Register—Address 0x06
This register is effective only if the digital ramp enable bit in the CFR2 register (0x01[19]) = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 21. Bit Descriptions for Rising Digital Ramp Step Size Register
Bit(s)
Mnemonic
Description
[31:0]
Rising digital ramp
increment step size
32-bit digital ramp increment step size value.
Falling Digital Ramp Step Size Register—Address 0x07
This register is effective only if the digital ramp enable bit in the CFR2 register (0x01[19]) = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 22. Bit Descriptions for Falling Digital Ramp Step Size Register
Bit(s)
Mnemonic
Description
[31:0]
Falling digital ramp
decrement step size
32-bit digital ramp decrement step size value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com