Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 7Page - Analog Devices AD9914/PCBZ Datasheet HTML 8Page - Analog Devices AD9914/PCBZ Datasheet HTML 9Page - Analog Devices AD9914/PCBZ Datasheet HTML 10Page - Analog Devices AD9914/PCBZ Datasheet HTML 11Page - Analog Devices AD9914/PCBZ Datasheet HTML 12Page - Analog Devices AD9914/PCBZ Datasheet HTML 13Page - Analog Devices AD9914/PCBZ Datasheet HTML 14Page - Analog Devices AD9914/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Data Sheet
AD9914
Rev. F | Page 11 of 45
Pin No.
Mnemonic
I/O1
Description
67
EXT_PWR_DWN
I
External Power-Down. Digital input (active high). A high level on this pin initiates the
currently programmed power-down mode.
82
SYNC_CLK
O
Clock Output. Digital output. Many of the digital inputs on the chip, such as I/O_UPDATE,
PS[2:0], and the parallel data port (D0 to D31), must be set up on the rising edge of
this signal.
85
MASTER_RESET
I
Master Reset. Digital input (active high). Clears all memory elements and sets registers to
default values.
86
I/O_UPDATE
I
Input/Output Update. Digital input (active high). A high on this pin transfers the contents of
the input/output buffers to the corresponding internal registers.
EPAD
Exposed Pad. The EPAD must be soldered to ground.
1 I = input, O = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com