Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 11Page - Analog Devices AD9914/PCBZ Datasheet HTML 12Page - Analog Devices AD9914/PCBZ Datasheet HTML 13Page - Analog Devices AD9914/PCBZ Datasheet HTML 14Page - Analog Devices AD9914/PCBZ Datasheet HTML 15Page - Analog Devices AD9914/PCBZ Datasheet HTML 16Page - Analog Devices AD9914/PCBZ Datasheet HTML 17Page - Analog Devices AD9914/PCBZ Datasheet HTML 18Page - Analog Devices AD9914/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Data Sheet
AD9914
Rev. F | Page 15 of 45
CH2 1.0V
M20.00ms
IT 40.0ps/pt
A CH2
1.64V
1
Figure 22. SYNC_OUT (fSYSCLK/384)
1.0
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
500
3500
SYSTEM CLOCK RATE (MHz)
1000
1500
2000
2500
3000
Figure 23. DAC Calibration Time vs. SYSCLK Rate. See the DAC Calibration
Output Section for Formula.
930
870
880
890
900
910
920
–6
–2
–4
6
4
2
0
TIME (ms)
Figure 24. Measured Rising Linear Frequency Sweep
930
870
880
890
900
910
920
–6
–2
–4
6
4
2
0
TIME (ms)
Figure 25. Measured Falling Linear Frequency Sweep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com