Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4994
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 8Page - STMicroelectronics TS4994 Datasheet HTML 9Page - STMicroelectronics TS4994 Datasheet HTML 10Page - STMicroelectronics TS4994 Datasheet HTML 11Page - STMicroelectronics TS4994 Datasheet HTML 12Page - STMicroelectronics TS4994 Datasheet HTML 13Page - STMicroelectronics TS4994 Datasheet HTML 14Page - STMicroelectronics TS4994 Datasheet HTML 15Page - STMicroelectronics TS4994 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TS4994
Electrical Characteristics
12/31
Figure 33. PSRR vs. common mode input
voltage
Figure 34. CMRR vs. frequency
Figure 35. PSRR vs. frequency
Figure 36. CMRR vs. frequency
Figure 37. CMRR vs. frequency
Figure 38. CMRR vs. frequency
0.0
0.5
1.0
1.5
2.0
2.5
-100
-80
-60
-40
-20
0
Cb=1
µF
Cb=0.47
µF
Cb=0.1
µF
Cb=0
Vcc = 2.5V
Vripple = 200mVpp
Inputs Grounded
F = 217Hz
Av = 1
RL
≥ 8Ω
Tamb = 25
°C
Common Mode Input Voltage (V)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0.47
µF
Cb=0.1
µF
Cb=0
20k
20
Vcc = 5V
Vic = 200mVpp
Av = 1, Cin = 470
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0.47
µF
Cb=0.1
µF
Cb=0
20k
20
Vcc = 3.3V
Vic = 200mVpp
Av = 1, Cin = 470
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0.47
µF
Cb=0.1
µF
Cb=0
20k
20
Vcc = 2.6V
Vic = 200mVpp
Av = 1, Cin = 470
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0.47
µF
Cb=0.1
µF
Cb=0
20k
20
Vcc = 5V
Vic = 200mVpp
Av = 2.5, Cin = 470
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0.47
µF
Cb=0.1
µF
Cb=0
20k
20
Vcc = 3.3V
Vic = 200mVpp
Av = 2.5, Cin = 470
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com