Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4994
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 18Page - STMicroelectronics TS4994 Datasheet HTML 19Page - STMicroelectronics TS4994 Datasheet HTML 20Page - STMicroelectronics TS4994 Datasheet HTML 21Page - STMicroelectronics TS4994 Datasheet HTML 22Page - STMicroelectronics TS4994 Datasheet HTML 23Page - STMicroelectronics TS4994 Datasheet HTML 24Page - STMicroelectronics TS4994 Datasheet HTML 25Page - STMicroelectronics TS4994 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TS4994
Application Information
22/31
Figure 72. PSRR vs. frequency worst case condition
The two following graphs show typical application of TS4994 with four 0.1% tolerances and a random
choice for them.
Figure 73. PSRR vs. frequency with random
choice condition
Figure 74. PSRR vs. frequency with random
choice condition
CMRR performance
For this calculation, we consider there to be no influence of Cin and Cfeed. Cb has no influence in the
calculation of the CMRR.
We use the same kind of resistor (same tolerance) and
∆R is the tolerance value in %.
The following equation is valid for frequencies ranging from DC to about 1kHz. Above this frequency,
parasitic effects start to be significant and a literal equation is not possible to write.
The CMRR equation is (
∆R in %):
Example: With
∆R=1%, the minimum CMRR would be -34dB.
With a DC Vic=2.5V, the DC differential output (Voo) which results is 50mV maximum. As this Voo is
across the load, for an 8
Ω load the extra consumption would be 50mV/8=6.2mA.
100
1000
10000
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 2.5V, Vripple = 200mVpp
Av = 1, Cin = 4.7
µF
∆R/R = 0.1%, RL ≥ 8Ω
Tamb = 25
°C, Inputs = Grounded
Frequency (Hz)
100
1000
10000
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 5V, Vripple = 200mVpp
Av = 1, Cin = 4.7
µF
∆R/R ≤ 0.1%, RL ≥ 8Ω
Tamb = 25
°C, Inputs = Grounded
Frequency (Hz)
100
1000
10000
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 2.5V, Vripple = 200mVpp
Av = 1, Cin = 4.7
µF
∆R/R ≤ 0.1%, RL ≥ 8Ω
Tamb = 25
°C, Inputs = Grounded
Frequency (Hz)
)
dB
(
)
R
10000
(
200
R
Log
20
CMRR
2
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com