Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4994
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4994 Datasheet HTML 1Page - STMicroelectronics TS4994 Datasheet HTML 2Page - STMicroelectronics TS4994 Datasheet HTML 3Page - STMicroelectronics TS4994 Datasheet HTML 4Page - STMicroelectronics TS4994 Datasheet HTML 5Page - STMicroelectronics TS4994 Datasheet HTML 6Page - STMicroelectronics TS4994 Datasheet HTML 7Page - STMicroelectronics TS4994 Datasheet HTML 8Page - STMicroelectronics TS4994 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Absolute Maximum Ratings
TS4994
3/31
2 Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1
1)
All voltages values are measured with respect to the ground pin.
6V
Vi
Input Voltage 2
2)
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient 3
DFN10
Mini-SO8
3)
The device is protected by a thermal shutdown active at 150°C
120
215
°C/W
Pd
Power Dissipation
internally limited
W
ESD
Human Body Model
2
kV
ESD
Machine Model
200
V
Latch-up Immunity
200
mA
Lead Temperature (soldering, 10sec)
260
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.5 to 5.5
V
VSM
Standby Mode Voltage Input:
Standby Active LOW
Standby Active HIGH
VSM=GND
VSM=VCC
V
VSTB
Standby Voltage Input:
Device ON (VSM=GND) or Device OFF (VSM=VCC)
Device OFF (VSM=GND) or Device ON (VSM=VCC)
1.5
≤ VSTB ≤ VCC
GND ≤ VSTB ≤ 0.4
1
1)
The minimum current consumption (
ISTANDBY) is guaranteed when VSTB=GND or VCC (i.e. supply rails) for the whole temperature
range.
V
TSD
Thermal Shutdown Temperature
150
°C
RL
Load Resistor
≥ 8
RTHJA
Thermal Resistance Junction to Ambient
DFN10 2
Mini-SO8
2)
When mounted on a 4-layer PCB.
80
190
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com