Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4994
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 23Page - STMicroelectronics TS4994 Datasheet HTML 24Page - STMicroelectronics TS4994 Datasheet HTML 25Page - STMicroelectronics TS4994 Datasheet HTML 26Page - STMicroelectronics TS4994 Datasheet HTML 27Page - STMicroelectronics TS4994 Datasheet HTML 28Page - STMicroelectronics TS4994 Datasheet HTML 29Page - STMicroelectronics TS4994 Datasheet HTML 30Page - STMicroelectronics TS4994 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Application Information
TS4994
27/31
4.12 Demoboard
A demoboard for the TS4994 is available, however it is designed only for the TS4994 in the DFN10
package. However, we can guarantee that all electrical parameters are similar except for the power
dissipation.
For more information about this demoboard, please refer to Application Note AN2013.
Figure 80. Demoboard schematic
Figure 81. Components location
Figure 82. Top layer
R1
22k/1%
R3
22k/1%
R4
22k/1%
R2
22k/1%
+
C3
1uF/6V
+
C4
1uF/6V
C1
100nF/10V
C2
100nF/10V
C5
100nF/10V
GND
GND
GND
GND
Cn2
Cn1
Cn5
Cn8
1
2
3
Cn6
1
2
3
Cn7
Cn4
Cn3
GND
GND
Vcc
Vcc
Vcc
GND
GND
GND
J1
J2
J3
J4
Pos. Input
Neg. Input
Bias
Vin-
Vin+
Bypass
Standby
VCC
GND
Vo-
Vo+
+
-
2
5
9
10
7
3
4
6
1
Mode
Stdby
TS4994DFN10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com