Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4155BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADF4155BCPZ Datasheet HTML 1Page - Analog Devices ADF4155BCPZ Datasheet HTML 2Page - Analog Devices ADF4155BCPZ Datasheet HTML 3Page - Analog Devices ADF4155BCPZ Datasheet HTML 4Page - Analog Devices ADF4155BCPZ Datasheet HTML 5Page - Analog Devices ADF4155BCPZ Datasheet HTML 6Page - Analog Devices ADF4155BCPZ Datasheet HTML 7Page - Analog Devices ADF4155BCPZ Datasheet HTML 8Page - Analog Devices ADF4155BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADF4155
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Total IDD (DIDD + AIDD + RFIDD)
38
47
mA
RF output (Bit DB6, Register 6) disabled,
3.6 GHz at VCO output
105
131
mA
RFOUT+/RFOUT− = 1800 MHz, divide by 2 enabled,
5 dBm
Low Power Sleep Mode
10
22
µA
Hardware powered down using CE
500
530
µA
Software powered down, serial peripheral
interface (SPI) powered up in low power sleep
mode
RFOUT+/RFOUT− CHARACTERISTICS
Maximum Output Frequency
4000
MHz
Minimum Output Frequency Using
Dividers
7.8125
MHz
500 MHz fundamental output and
divide by 64 selected
Harmonic Content (Second)
−16
dBc
RFOUT+/RFOUT− = 2.9 GHz, fundamental mode
−26
dBc
RFOUT+/RFOUT− = 2.9 GHz, divide by 2 enabled
Harmonic Content (Third)
−22
dBc
RFOUT+/RFOUT− = 2.9 GHz, fundamental mode
−7
dBc
RFOUT+/RFOUT− = 2.9 GHz, divide by 2 enabled
Minimum RF Output Power1
−4
dBm
Programmable in 3 dB steps
Maximum RF Output Power1
5
dBm
NOISE CHARACTERISTICS
Negative bleed enabled
Normalized Phase Noise Floor, PNSYNTH2
PLL bandwidth = 500 kHz
Integer-N Mode
−223
dBc/Hz
FRAC = 0
Fractional-N-Mode
−218
dBc/Hz
Normalized 1/f Noise, PN1_f3
−116
dBc/Hz
10 kHz offset; normalized to 1 GHz
In-Band Phase Noise4
−98
dBc/Hz
10 kHz offset from 5.8 GHz carrier
Spurious Signals due to PFD
−110
dBc/Hz
At 5.8 GHz VCO output, fPFD = 61.44 MHz
Frequency
−112
dBc/Hz
At 5.8 GHz VCO output, fPFD = 30.72 MHz
Level of Signal with RF Mute Enabled
−40
dBm
1
Using an external 18 nH pull-up inductor to RFVDD into a 50 Ω load.
2
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 logN (where N is the N counter
value) and 10 logfPFD. PNSYNTH = PNTOT − 10 log fPFD − 20 logN.
3
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency (fRF)
and at a frequency offset (f) is given by PN = P1_f + 10log(10kHz/f) + 20log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in the
ADIsimPLL design tool.
4
fREFIN = 122.88 MHz, fPFD = 61.44 MHz, frequency offset = 10 kHz, VCO frequency = 5.8 GHz, RFOUT = 5.8 GHz, N = 94.40104167, loop bandwidth = 60 kHz, ICP =0. 938 mA,
and IBLEED = 60 µA.
Rev. 0 | Page 4 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com