Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4155BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 3Page - Analog Devices ADF4155BCPZ Datasheet HTML 4Page - Analog Devices ADF4155BCPZ Datasheet HTML 5Page - Analog Devices ADF4155BCPZ Datasheet HTML 6Page - Analog Devices ADF4155BCPZ Datasheet HTML 7Page - Analog Devices ADF4155BCPZ Datasheet HTML 8Page - Analog Devices ADF4155BCPZ Datasheet HTML 9Page - Analog Devices ADF4155BCPZ Datasheet HTML 10Page - Analog Devices ADF4155BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADF4155
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Serial Clock Input. Data is clocked into the 32-bit shift register on the CLK rising edge. This input is a high
impedance CMOS input.
2
DATA
Serial Data Input. The serial data is loaded MSB first with the four LSBs as the control bits. This input is a high
impedance CMOS input.
3
LE
Load Enable Input. When LE goes high, the data stored in the shift register is loaded into the register that is
selected by the four LSBs. This input is a high impedance CMOS input.
4
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump into three-state mode.
A logic high on this pin powers up the device, depending on the status of the power-down bits.
5
CREG1
Output of Internal Low Dropout (LDO) Regulator. Supply voltage to digital circuits. Nominal voltage of 1.8 V.
100 nF decoupling capacitors to ground required.
6
VP
Charge Pump Power Supply. VP must have the same or greater value than AVDD up to 5.5 V. Connect
decoupling capacitors, as close to this pin as possible, to the analog ground plane.
7
CPOUT
Charge Pump Output. When enabled, this output provides ±ICP to the external loop filter. The output of the
loop filter is connected to the VTUNE pin of the external VCO.
8
CPGND
Charge Pump Ground. This output is the ground return pin for the CPOUT pin.
9
AVDD
Analog Power Supply. This pin ranges from 3.135 V to 3.465 V. Connect decoupling capacitors, as close to this
pin as possible, to the analog ground plane. AVDD must have the same value as DVDD and RFVDD.
10
RFIN+
RF Input. This small signal input must be ac-coupled to the external VCO.
11
RFIN−
Complementary RF Input. Decouple this pin to the ground plane with a small bypass capacitor, typically
100 pF. If driven differentially, connect this input similar to RFIN+.
12
AGND
Analog Ground. Ground return pins for the analog circuitry.
13
RFGND
RF Ground. This output is the ground return pin for the RFVDD pin.
14
RFOUT−
Complementary RF Output. The output level is programmable. The VCO fundamental output or a divided-
down version is available.
15
RFOUT+
RF Output. The output level is programmable. The VCO fundamental output or a divided-down version is
available.
16
RFVDD
Analog Power Supply for RF Outputs. This pin ranges from 3.135 V to 3.465 V. Connect decoupling capacitors,
as close to this pin as possible, to the analog ground plane. RFVDD must have the same value as AVDD and DVDD.
17
PDBRF
RF Power-Down. A logic low on this pin mutes the RF outputs. This function is also software controllable.
18
DVDD
Digital Power Supply. This pin must be at the same voltage as AVDD and RFVDD. Connect decoupling capacitors,
as close to this pin as possible, to the ground plane.
19
REFIN+
Reference Input.
20
REFIN−
Complementary Reference Input.
21
MUXOUT
Multiplexer Output. The multiplexer output allows the lock detect, the scaled RF, or the scaled reference
frequency to be externally accessed.
2
1
3
4
5
6
18
17
16
15
14
13
VP
CREG1
CE
LE
DATA
CLK
RFGND
RFOUT–
RFOUT+
RFVDD
PDBRF
DVDD
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED
TO GROUND.
ADF4155
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com