Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4155BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 8Page - Analog Devices ADF4155BCPZ Datasheet HTML 9Page - Analog Devices ADF4155BCPZ Datasheet HTML 10Page - Analog Devices ADF4155BCPZ Datasheet HTML 11Page - Analog Devices ADF4155BCPZ Datasheet HTML 12Page - Analog Devices ADF4155BCPZ Datasheet HTML 13Page - Analog Devices ADF4155BCPZ Datasheet HTML 14Page - Analog Devices ADF4155BCPZ Datasheet HTML 15Page - Analog Devices ADF4155BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADF4155
Data Sheet
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 17. The reference
input can accept both single-ended and differential signals, and
the choice is controlled by the reference input mode bit (Bit DB30,
Register 6). To use a differential signal for the reference input,
this bit must be programmed high. In this case, the SW1 and
SW2 switches are opened, the SW3 and SW4 switches are
closed, and the current source driving the differential pair of the
transistors is switched on. The differential signal is buffered,
before it is fed to the emitter-coupled logic (ECL) to a CMOS
converter. When a single-ended signal is used as the reference,
Bit DB30 in Register 6 must be programmed to 0. In this case,
the SW1 and SW2 switches are closed, the SW3 and SW4
switches are opened, and the current source driving the
differential pair of transistors is switched off.
Figure 17. Reference Input Stage
RF N COUNTER
The RF N counter allows a division ratio in the PLL feedback
path. The division ratio is determined by the INT, FRAC1,
MOD1, FRAC2, and MOD2 values, which build up this divider
(see Figure 18). Note that MOD1 is a fixed nonprogrammable
value equal to 224.
Figure 18. RF N Counter
INT, FRAC, MOD, and R Counter Relationship
The INT, FRAC1, FRAC2, MOD1, and MOD2 values, in
conjunction with the R counter, make it possible to generate
output frequencies that are spaced by fractions of the PFD
frequency (fPFD). For more information, see the RF Synthesizer—
A Worked Example section.
Calculate the RF VCO frequency (RFOUT) by the following:
RFOUT = fPFD × N
(1)
where:
RFOUT is the output frequency of the external VCO voltage
controlled oscillator (without using the output divider).
fPFD is a frequency of phase frequency detector.
N is the desired value of the feedback counter N.
Calculate the fPFD by the following equation:
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
R is the preset divide ratio of the binary 10-bit programmable
reference counter (1 to 1023).
T is the REFIN divide by 2 bit (0 or 1)
N comprises
MOD1
MOD2
FRAC2
FRAC1
INT
N
+
+
=
(3)
where:
INT is the 16-bit integer value (23 to 32,767 for 4/5 prescaler, 75
to 65,535 for 8/9 prescaler).
FRAC1 is the numerator of the primary modulus (1 − 16,777,215).
FRAC2 is the numerator of the 14-bit auxiliary modulus (1 − 16,383).
MOD2 is the programmable, 14-bit auxiliary fractional
modulus (2 − 16,383).
MOD1 is a 24-bit primary modulus with a fixed value of 224
(16,777,216).
This results in a very fine frequency resolution with no residual
frequency error. To apply this formula, take the following steps:
1. Calculate N by dividing RFOUT/fPFD.
2. The integer value of this number forms INT.
3. Subtract this value from the full N value.
4. Multiply the remainder by 224.
5. The integer value of this number forms FRAC1.
6. Calculate the MOD2 basis on the channel spacing (fCHSP) by
MOD2 = fPFD/GCD(fPFD, fCHSP)
(4)
where:
fCHSP is the desired channel spacing frequency.
GCD(fPFD, fCHSP) is a greatest common divider of the PFD
frequency and the channel spacing frequency.
7. Calculate FRAC2 by the following equation:
FRAC2 = [(N − INT) × 224 − FRAC1)] × MOD2
(5)
2.5kΩ
2.5kΩ
REFIN+
REFIN–
AVDD
BIAS
GENERATOR
BUFFER
85k
Ω
SW2
SW3
SW1
REFERENCE
INPUT MODE
SW4
ECL TO CMOS
BUFFER
TO
R COUNTER
MULTIPLEXER
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC1
REG
INT
REG
RF N COUNTER
FROM
VCO OUTPUT/
OUTPUT DIVIDERS
TO PFD
N COUNTER
FRAC2
VALUE
MOD2
VALUE
N = INT +
FRAC1 +
MOD1
FRAC2
MOD2
Rev. 0 | Page 12 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com