Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4155BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADF4155BCPZ Datasheet HTML 1Page - Analog Devices ADF4155BCPZ Datasheet HTML 2Page - Analog Devices ADF4155BCPZ Datasheet HTML 3Page - Analog Devices ADF4155BCPZ Datasheet HTML 4Page - Analog Devices ADF4155BCPZ Datasheet HTML 5Page - Analog Devices ADF4155BCPZ Datasheet HTML 6Page - Analog Devices ADF4155BCPZ Datasheet HTML 7Page - Analog Devices ADF4155BCPZ Datasheet HTML 8Page - Analog Devices ADF4155BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADF4155
TIMING CHARACTERISTICS
AVDD = DVDD = RFVDD = 3.3 V ± 5%, AVDD ≤ VP ≤ 5.5V, AGND = DGND = RFGND = CPGND = 0 V, 1.8 V and 3 V logic levels used, and TA =
TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Limit
Unit
Description
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
Timing Diagram
Figure 2. Timing Diagram
CLK
DATA
LE
DB31 (MSB)
DB30
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
DB2
(CONTROL BIT C3)
DB3
(CONTROL BIT C4)
Rev. 0 | Page 5 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com