Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LTC6948
11
6948fa
For more information www.linear.com/LTC6948
pin FuncTions
REF+, REF– (Pins 1, 28): Reference Input Signals. This
differential input is buffered with a low noise amplifier,
which feeds the reference divider. They are self-biased and
must be AC-coupled with 1µF capacitors. If used single-
ended with VREF+ ≤ 2.7VP-P, bypass REF– to GND with a
1µF capacitor. If used single-ended with VREF+ > 2.7VP-P,
bypass REF– to GND with a 47pF capacitor.
STAT (Pin 2): Status Output. This signal is a configurable
logicalORcombinationoftheUNLOK,LOK,ALCHI,ALCLO,
THI, and TLO status bits, programmable via the STATUS
register. See the Operation section for more details.
CS (Pin 3): Serial Port Chip Select. This CMOS input initi-
ates a serial port communication burst when driven low,
ending the burst when driven back high. See the Operation
section for more details.
SCLK (Pin 4): Serial Port Clock. This CMOS input clocks
serial port input data on its rising edge. See the Operation
section for more details.
SDI (Pin 5): Serial Port Data Input. The serial port uses
this CMOS input for data. See the Operation section for
more details.
SDO (Pin 6): Serial Port Data Output. This CMOS three-
state output presents data from the serial port during a
read communication burst. Optionally attach a resistor of
>200k to GND to prevent a floating output. See the Ap-
plications Information section for more details.
LDO (Pin 7): Δ∑ Modulator LDO Bypass Pin. This pin
should be bypassed directly to the ground plane using a
low ESR (<0.8Ω) 0.1µF ceramic capacitor as close to the
pin as possible.
VD+ (Pin 8): 3.15V to 3.45V Positive Supply Pin for Serial
Port and Δ∑ Modulator Circuitry. This pin should be by-
passed directly to the ground plane using a 0.1µF ceramic
capacitor as close to the pin as possible.
MUTE (Pin 9): RF Mute. The CMOS active-low input mutes
the RF± differential outputs while maintaining internal bias
levels for quick response to deassertion.
GND (Pins 10, 17, 21, Exposed Pad Pin 29): Negative
Power Supply (Ground). These pins should be tied directly
to the ground plane with multiple vias for each pin. The
package exposed pad must be soldered directly to the PCB
land. The PCB land pattern should have multiple thermal
vias to the ground plane for both low ground inductance
and also low thermal resistance.
RF–, RF+ (Pins 11, 12): RF Output Signals. The VCO
output divider is buffered and presented differentially on
these pins. The outputs are open-collector, with 136Ω
(typical) pull-up resistors tied to VRF+ to aid impedance
matching. If used single-ended, the unused output should
be terminated to 50Ω. See the Applications Information
section for more details on impedance matching.
VRF+ (Pin 13): 3.15V to 3.45V Positive Supply Pin for
RF circuitry. This pin should be bypassed directly to the
ground plane using a 0.01µF ceramic capacitor as close
to the pin as possible.
BB (Pin 14): RF Reference Bypass. This output has a 2.5k
resistance and must be bypassed with a 1µF ceramic ca-
pacitor to GND. Do not couple this pin to any other signal.
TUNE (Pin 15): VCO Tuning Input. This frequency control
pin is normally connected to the external loop filter. See
the Applications Information section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com