Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTC6948
24
6948fa
For more information www.linear.com/LTC6948
Block Power-Down Control
The LTC6948’s power-down control bits are located in
register h02, described in Table 16. Different portions of
thedevicemaybepowereddownindependently.Caremust
be taken with the LSB of the register, the POR (power-on-
reset) bit. When written to a 1, this bit forces a full reset
of the part’s digital circuitry to its power-up default state.
operaTion
Table 16. Serial Port Register Bit Field Summary
BITS
DESCRIPTION
DEFAULT
ALCCAL
Auto Enable ALC During CAL Operation
1
ALCEN
Always Enable ALC (Override)
1
ALCHI
ALC too Hi Flag
ALCLO
ALC too Low Flag
ALCMON Enable ALC Monitor for Status Flags Only
0
ALCULOK Enable ALC When PLL Unlocked
1
AUTOCAL Calibrate VCOs Whenever Registers h06 to
h0A Are Written
1
AUTORST Reset Modulator Whenever Registers h05
to h0A Are Written
1
BD[3:0]
Calibration B Divider Value
h4
BST
REF Buffer Boost Current
1
CAL
Start VCO Calibration (Auto Clears)
0
CP[2:0]
CP Output Current
h7
CPCHI
Enable Hi-Voltage CP Output Clamp
1
CPCLO
Enable Low-Voltage CP Output Clamp
1
CPDN
Force CP Pump Down
0
CPINV
Invert CP Phase
0
CPLE
CP Linearizer Enable
0
CPMID
CP Bias to Mid-Rail
1
CPRST
CP Tri-State
1
CPUP
Force CP Pump Up
0
CPWIDE
Extend CP Pulse Width
0
DITHEN
Enable Fractional Numerator Dither
1
FILT[1:0]
REF Input Buffer Filter
h3
INTN
Integer Mode; Fractional Modulator Placed
in Standby
0
BITS
DESCRIPTION
DEFAULT
LDOEN
LDO Enable
1
LDOV[1:0] LDO Voltage
h3
LKCT[1:0] PLL Lock Cycle Count
h1
LKWIN[2:0] PLL Lock Indicator Window
h2
LOCK
PLL Lock Indicator Flag
MTCAL
Mute RF Output During Calibration
1
ND[9:0]
N Divider Value (ND[9:0] ≥ 32)
h0FA
NUM[17:0] Fractional Numerator Value
h3FFF
OD[2:0]
Output Divider Value (0 < OD[2:0] < 7)
h1
OMUTE
Mutes RF Output
1
PART[3:0] Part Code (h01 for -1, h02 for -2, h03 for
-3, h04 for -4 version)
h01, h02,
h03, h04
PDALL
Full Chip Powerdown
0
PDFN
Powers Down LDO and Modulator Clock
0
PDOUT
Powers Down O_DIV, RF Output Buffer
0
PDPLL
Powers Down REF, R_DIV, PFD, CPUMP,
N_DIV
0
PDVCO
Powers Down VCO, N_DIV
0
POR
Force Power-On-Reset
0
RD[4:0]
R Divider Value (RD[4:0] > 0)
h001
REV[3:0] Rev Code
h1
RFO[1:0] RF Output Power
h3
RSTFN
Force Modulator Reset (Auto Clears)
0
SEED[7:0] Modulator Dither Seed Value
h11
THI
CP Clamp High Flag
TLO
CP Clamp Low Flag
UNLOK
PLL Unlock Flag
x[5:0]
STAT Output OR Mask
h04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com