Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC6948
13
6948fa
For more information www.linear.com/LTC6948
block DiagraM
RF–
1
7
2
11
GND
10
MUTE
9
29
RF+
12
VRF+
13
28
REF+
LDO
LDO
REGULATOR
EXPOSED
PAD
≤425MHz
≤100MHz
÷1 TO 31
÷1 TO 6, 50%
1.7V TO 2.6V
÷32 TO 1023
MUTE
REF–
27
VREF+
R_DIV
LOCK
PFD
O_DIV
N_DIV
∆∑
B_DIV
CAL, ALC
CONTROL
2.24GHz TO 3.74GHz (LTC6948-1) OR
3.08GHz TO 4.91GHz (LTC6948-2) OR
3.84GHz TO 5.79GHz (LTC6948-3) OR
4.20GHz TO 6.390GHz (LTC6948-4)
373MHz TO 6.39GHz
TUNE
15
CP
VVCO+
GND
CMA
CMB
CMC
GND
1mA TO
11.2mA
26
23
21
20
19
18
17
25
VCP+
24
GND
16
TB
22
BVCO
6948 BD
14
BB
SERIAL
PORT
STAT
CS
6
SDO
SDI
SCLK
8
VD+
5
4
3
+–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com