Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC6948
21
6948fa
For more information www.linear.com/LTC6948
operaTion
Figure 6. Serial Port Write Timing Diagram
Figure 8. Serial Port Write Sequence
Figure 7. Serial Port Read Timing Diagram
MASTER–CS
MASTER–SCLK
tCSS
tCS
tCH
DATA
DATA
6948 F06
tCKL
tCKH
tCSS
tCSH
MASTER–SDI
MASTER–CS
MASTER–SCLK
LTC6948–SDO
Hi-Z
Hi-Z
6948 F07
8TH CLOCK
DATA
DATA
tDO
tDO
tDO
tDO
the rising edge of SCLK, with all transfers MSB first. The
communicationburstisterminatedbytheserialbusmaster
returning CS high. See Figure 6 for details.
Data is read from the part during a communication burst
using SDO. Readback may be multidrop (more than one
LTC6948 connected in parallel on the serial bus), as SDO
is three-stated (Hi-Z) when CS = 1, or when data is not
being read from the part. If the LTC6948 is not used in
a multidrop configuration, or if the serial port master is
not capable of setting the SDO line level between read
sequences, it is recommended to attach a high value
resistor of greater than 200k between SDO and GND to
ensure the line returns to a known level during Hi-Z states.
See Figure 7 for details.
Single Byte Transfers
The serial port is arranged as a simple memory map, with
status and control available in 15 byte-wide registers. All
data bursts are comprised of at least two bytes. The seven
mostsignificantbitsofthefirstbytearetheregisteraddress,
with an LSB of 1 indicating a read from the part, and LSB
of 0 indicating a write to the part. The subsequent byte,
or bytes, is data from/to the specified register address.
See Figure 8 for an example of a detailed write sequence,
and Figure 9 for a read sequence.
Figure 10 shows an example of two write communication
bursts. The first byte of the first burst sent from the serial
busmasteronSDIcontainsthedestinationregisteraddress
A6 A5 A4 A3 A2
7-BIT REGISTER ADDRESS
Hi-Z
MASTER–CS
MASTER–SCLK
MASTER–SDI
LTC6948–SD0
A1 A0 0 D7 D6 D5 D4 D3 D2 D1 D0
8 BITS OF DATA
0 = WRITE
6948 F08
16 CLOCKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com