Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1902 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1902
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1902 Datasheet HTML 1Page - Diodes Incorporated AH1902 Datasheet HTML 2Page - Diodes Incorporated AH1902 Datasheet HTML 3Page - Diodes Incorporated AH1902 Datasheet HTML 4Page - Diodes Incorporated AH1902 Datasheet HTML 5Page - Diodes Incorporated AH1902 Datasheet HTML 6Page - Diodes Incorporated AH1902 Datasheet HTML 7Page - Diodes Incorporated AH1902 Datasheet HTML 8Page - Diodes Incorporated AH1902 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AH1902
Document number: DS36533 Rev. 4 - 2
4 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AH1902
Magnetic Characteristics (Note 9 &10) (TA = +25°C, VDD = 1.8V, unless otherwise specified)
(1mT=10 Gauss)
Symbol
Characteristics
Test Condition
Min
Typ
Max
Unit
Bops (south pole to part marking side)
Operation Point
23
33
47
Gauss
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
21
33
48
Bopn (north pole to part marking side)
-47
-33
-24
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
-48
-33
-21
Brps (south pole to part marking side)
Release Point
12
23
35
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
9
23
38
Brpn (north pole to part marking side)
-35
-23
-12
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
-38
-23
-9
Bhy (|Bopx|-|Brpx|)
Hysteresis
10
Notes:
9. Typical data is at TA = +25C, VDD = 1.8V.
10. Maximum and minimum parameters values over operating temperature range are not tested in production, they are guaranteed by design,
characterization and process control. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Bhy
Brps Bops
0
Turn
off
(off-state)
(on-state)
( Magnetic Flux Density B )
OUTPUT
Bhy
VDD
(off-state)
Turn
on
Bopn Brpn
Turn
off
Turn
on
(on-state)
VOH
VOH
VOL
VOL = VSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com