Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1902 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH1902
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH1902 Datasheet HTML 2Page - Diodes Incorporated AH1902 Datasheet HTML 3Page - Diodes Incorporated AH1902 Datasheet HTML 4Page - Diodes Incorporated AH1902 Datasheet HTML 5Page - Diodes Incorporated AH1902 Datasheet HTML 6Page - Diodes Incorporated AH1902 Datasheet HTML 7Page - Diodes Incorporated AH1902 Datasheet HTML 8Page - Diodes Incorporated AH1902 Datasheet HTML 9Page - Diodes Incorporated AH1902 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AH1902
Document number: DS36533 Rev. 4 - 2
6 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AH1902
Ordering Information
AH1902 - XXX - X
Packing
Package
7 : Tape & Reel
FA : X1-DFN1216-4
FT4 : X2-DFN2015-6
Z : SOT553
Part Number
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AH1902-FA-7
FA
X1-DFN1216-4
3,000/Tape & Reel
-7
AH1902-FT4-7
FT4
X2-DFN2015-6
3,000/Tape & Reel
-7
AH1902-Z-7
Z
SOT553
3,000/Tape & Reel
-7
Marking Information
(1)
Package Type: X1-DFN1216-4 and X2-DFN2015-6
( Top View )
X X
Pin 1 indicator
Y : Year : 0~9
X : Internal code
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Y W X
Part Number
Package
Identification Code
AH1902-FA-7
X1-DFN1216-4
F2
AH1902-FT4-7
X2-DFN2015-6
D2
(2)
Package Type: SOT553
( Top View )
Y : Year : 0 to 9
X : Internal code
XX : Identification Code
W : Week : A to Z : 1~26 week;
a to z : 27~52 week; z represents
52 and 53 week
XX Y W X
Part Number
Package
Identification Code
AH1902-Z-7
SOT553
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com