Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1902 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1902
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1902 Datasheet HTML 1Page - Diodes Incorporated AH1902 Datasheet HTML 2Page - Diodes Incorporated AH1902 Datasheet HTML 3Page - Diodes Incorporated AH1902 Datasheet HTML 4Page - Diodes Incorporated AH1902 Datasheet HTML 5Page - Diodes Incorporated AH1902 Datasheet HTML 6Page - Diodes Incorporated AH1902 Datasheet HTML 7Page - Diodes Incorporated AH1902 Datasheet HTML 8Page - Diodes Incorporated AH1902 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AH1902
Document number: DS36533 Rev. 4 - 2
1 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AH1902
HIGH SENSITIVITY MICROPOWER
OMNIPLOAR HALL-EFFECT SWITCH
Description
The AH1902 is a high-sensitivity micropower Omnipolar Hall effect
switch IC with internal pull up and pull down capability. Designed for
portable and battery powered consumer equipment such as cellular
phones and portable PCs to office equipment, home appliances and
industrial applications, the average supply current is only 4.3
μA at
1.8V. To support potable equipment the AH1902 can operate over the
supply range of 1.6V to 3.6V and uses a hibernating clocking system
to minimize the power consumption. To minimize PCB space, the
AH1902
is
available
in
small
low
profile
X1-DFN1216-4,
X2-DFN2015-6 and SOT553 packages.
The output is activated with either a north or south pole of sufficient
magnetic field strength. When the magnetic flux density (B)
perpendicular to the package is larger than operate point (Bop), the
output will be turned on (pulled low) and held until B is lower than
release point (Brp).
Features
Omnipolar Operation (North or South Pole)
Supply Voltage of 1.6V to 3.6V
High Sensitivity
Micropower Operation
Chopper Stabilized Design Provides:
-
Superior Temperature Stability
-
Minimal Switch Point Drift
-
Enhanced Immunity to Physical Stress
No External Pull-up Resistors Required
Good RF Noise Immunity
-40°C to +85°C Operating Temperature
High ESD capability of 8kV (Human Body Model)
Small Low Profile X1-DFN1216-4, X2-DFN2015-6 and SOT553
Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
VDD
NC
OUTPUT
GND
( Top View )
X1-DFN1216-4
2
1
3
4
X2-DFN2015-6
( Top View )
1
3
2
6
4
5
VDD
GND
NC
NC
OUTPUT
NC
5
4
3
2
1
GND
OUTPUT
NC
NC
VDD
( Top View )
SOT553
Applications
Open and Close Detect for Flip/Slide Cellular Phones
Smart Cover or Dock Detect for Cellular Phones and Tablet PCs
Cover or Display Switch in Portable PCs (eg: Ultrabook)
Digital Still, Video Cameras and Handheld Gaming Consoles
Door, Lids and Tray Position Switches
Level, Proximity and Position Switches
Contact-Less Switches in Home Appliances and Industrial
Applications
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AH1902
1.6V to 3.6V
OUTPUT
GND
CIN
VDD
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical and should be placed as close to
the supply pin as possible.


Similar Part No. - AH1902

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1902 DIODES-AH1902 Datasheet
466Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 2
AH1902-FA-7 DIODES-AH1902-FA-7 Datasheet
466Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 2
AH1902-FT4-7 DIODES-AH1902-FT4-7 Datasheet
466Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 2
More results

Similar Description - AH1902

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1902 DIODES-AH1902 Datasheet
466Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 2
AH1897 DIODES-AH1897 Datasheet
296Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1895 DIODES-AH1895 Datasheet
308Kb / 10P
MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1807 DIODES-AH1807_15 Datasheet
685Kb / 13P
MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 5
AH1809 DIODES-AH1809_15 Datasheet
624Kb / 13P
LOW SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com